Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
57
Document Revision History
5
—
Section 4.1.2 — Added note 6 and related label for latching of the PLL_CFG signals.
Section 4.1.3 — Updated specifications for the input high and input low voltages of PCI_SYNC_IN.
Section 4.3 — Table 7, updated specifications for the voltage range of VDD for specific CPU
frequencies.
Section 4.3.1 — Table 8: Corrected typo for first number 1a to 1; Updated characteristics for the DLL
lock range for the default and remaining three DLL locking modes; Reworded note description for note
6. Replaced contents of Table 9 with bit descriptions for the four DLL locking modes. In Figures 7
through 10, updated the DLL locking mode graphs.
Section 4.3.2 — Table 10: Changed the name of references for timing parameters from
SDRAM_SYNC_IN to sys_logic_clk to be consistent with Figure 11. Followed the same change for
note 2.
Section 4.3.3— Table 11: Changed the name of references for timing parameters from
SDRAM_SYNC_IN to sys_logic_clk to be consistent with Figure 11. Followed the same change for
note 2.
Section 5.3 — Table 17: Removed extra listing of DRDY in Test/Configuration signal list and updated
relevant notes for signal in Memory Interface signal listing. Updated note #20. Added note 26 for the
signals of the UART interface.
Section 7.6 — Added reference to AN2128 application note that highlights the differences between the
MPC8240 and the MPC8245.
Section 7.7 — Added relevant notes to this section and updated Figure 29.
4
—
Section 1.4.1.2—Updated notes for GVDD, AVDD, AVDD2.
Section 1.5.1—Updated solder ball information to include lead-free (V V) balls.
Section 1.5.3—Updated Note 25 for QACK/DA0 signal. Added a sentence to Note 3.
Section 1.6 —Incorporated Note 19 into Note 12 and modified Tables 18 and 19 accordingly.
Section 1.9—Updated part marking nomenclature where appropriate to include the lead-free offering.
Replaced reference to PNS document MPC8245RZUPNS with MPC8245ARZUPNS.
3
—
Section 1.4.1.2—Figure 2: Updated Note 2 and removed ‘voltage regulator delay’ label since Section
1.7.2 is being deleted this revision. Added Figures 4 and 5 to show voltage overshoot and undershoot
of the PCI interface on the MPC8245.
Section 1.4.1.3—Table 3: Updated the maximum input capacitance from 7 to 16 pF based on
characterization data.
Section 1.4.3.1—Updated PCI_SYNC_IN jitter specifications to 200 ps.
Section 1.4.3.3—Table 11, item 12b: added the word ‘address’ to help clarify which signals the spec
applies to. Figure 15: edited timing for items 12a0 and 12a2 to correspond with Table 11.
Section 1.5.3—Updated notes for the QACK/DA0 signal because this signal has been found to have
no internal pull resistor.
Section 1.6—Corrected note numbers for reference numbers 3,10,1B, and 1C of the PLL tables.
Updated PLL specifications for modes 7 and 1E.
Section 1.7.2—Removed this section since the information already exists in Section 1.4.1.5.
Section 1.7.4—Added the words ‘the clamping voltage’ to describe LVDD in the sixth paragraph.
Changed the QACK/DA0 signal from the list of signals having an internal pull-up resistor to the list of
signals needing a weak pull-up resistor to OVDD.
Section 1.9.1—Tables 21 thru 23: Added processor version register value.
Table 19. Revision History Table (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com