Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8245 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
© Freescale Semiconductor, Inc., 2001–2007. All rights reserved.
Freescale Semiconductor
Technical Data
The MPC8245 combines a PowerPC™ MPC603e processor
core built on Power Architecture™ technology with a PCI
bridge so that system designers can rapidly design systems
using peripherals designed for PCI and the other standard
interfaces. Also, a high-performance memory controller
supports various types of ROM and SDRAM. The MPC8245
is the second of a family of products that provide
system-level support for industry-standard interfaces with an
MPC603e processor core.
This hardware specification describes pertinent electrical
and physical characteristics of the MPC8245. For functional
characteristics of the processor, refer to the MPC8245
Integrated Processor Reference Manual (MPC8245UM).
For published errata or updates to this document, visit the
website listed on the back cover of the document.
1Overview
The MPC8245 integrated processor is composed of a
peripheral logic block and a 32-bit superscalar MPC603e
core, as shown in Figure 1.
MPC8245EC
Rev. 10, 08/2007
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3. General Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4. Electrical and Thermal Characteristics . . . . . . . . . . . . 5
5. Package Description . . . . . . . . . . . . . . . . . . . . . . . . . 31
6. PLL Configurations . . . . . . . . . . . . . . . . . . . . . . . . . 39
7. System Design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
8. Document Revision History . . . . . . . . . . . . . . . . . . . 56
9. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 62
MPC8245 Integrated Processor
Hardware Specifications


Similar Part No. - MPC8245

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8245 FREESCALE-MPC8245 Datasheet
183Kb / 20P
Part Number Specification for the MPC8245ARZUnnnX Series
MPC8245ARZU400D FREESCALE-MPC8245ARZU400D Datasheet
183Kb / 20P
Part Number Specification for the MPC8245ARZUnnnX Series
logo
NXP Semiconductors
MPC8245ARZU400D NXP-MPC8245ARZU400D Datasheet
254Kb / 20P
Part Number Specification for the MPC8245ARZUnnnX Series
Rev. 2, 07/2004
logo
Freescale Semiconductor...
MPC8245ARZU466D FREESCALE-MPC8245ARZU466D Datasheet
183Kb / 20P
Part Number Specification for the MPC8245ARZUnnnX Series
logo
NXP Semiconductors
MPC8245ARZU466D NXP-MPC8245ARZU466D Datasheet
254Kb / 20P
Part Number Specification for the MPC8245ARZUnnnX Series
Rev. 2, 07/2004
More results

Similar Description - MPC8245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8240EC MOTOROLA-MPC8240EC Datasheet
1Mb / 52P
Integrated Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
Integrated Processor Hardware Specifications
MPC8540 FREESCALE-MPC8540_06 Datasheet
1Mb / 104P
Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E_10 Datasheet
1Mb / 112P
Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E_10 Datasheet
2Mb / 126P
Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_10 Datasheet
1Mb / 127P
Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E_10 Datasheet
1Mb / 117P
Integrated Processor Hardware Specifications
MPC8548CVTAUJD FREESCALE-MPC8548CVTAUJD Datasheet
849Kb / 151P
Integrated Processor Hardware Specifications
MPC8548ECPXATGB FREESCALE-MPC8548ECPXATGB Datasheet
849Kb / 151P
Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560EC NXP-MPC8560EC Datasheet
1Mb / 108P
Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com