Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
62
Freescale Semiconductor
Ordering Information
9
Ordering Information
Ordering information for the parts fully covered by this specification document is provided in Section 9.1,
“Part Numbers Fully Addressed by This Document.” Section 9.2, “Part Numbers Not Fully Addressed by
This Document,” lists the part numbers that do not fully conform to the specifications of this document.
These special part numbers require an additional document called a hardware specifications addendum.
9.1
Part Numbers Fully Addressed by This Document
Table 20 provides the Freescale part numbering nomenclature for the MPC8245. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact a
local Freescale sales office. In addition to the processor frequency, the part numbering scheme also
includes an application modifier that may specify special application conditions. Each part number also
contains a revision code that refers to the die mask revision number. The revision level can be determined
by reading the Revision ID register at address offset 0x08.
Table 20. Part Numbering Nomenclature
MPC
nnnn
L
xx
nnn
x
Product
Code
Part
Identifier
Process Descriptor
Package 1
Processor
Frequency 2
(MHz)
Revision Level
Processor
Version Register
Value
MPC
8245
L: 0
° to 105°CZU = TBGA
V V = Lead-free
TBGA
266, 300
1.7 V to 2.1 V
D:1.4 Rev ID:0x14
0x80811014
L: 0
° to 105°CZU = TBGA
V V = Lead-free
TBGA
333, 350
1.9 V to 2.2 V
Notes:
1. See Section 5, “Package Description,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by a hardware specifications addendum may
support other maximum core frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com