Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
7
Electrical and Thermal Characteristics
PLL supply voltage—peripheral logic
AVDD2
1.8/1.9/2.0 V ±
V
4, 7, 12
2.0/2.1 V ±
V
5, 7, 12
PCI reference
LVDD
5.0 ± 5%
V
2, 10, 11
3.3 ± 0.3
V
3, 10, 11
Input voltage
PCI inputs
Vin
0 to 3.6 or 5.75
V
2, 3
All other inputs
0 to 3.6
V
6
Die-junction temperature
Tj
0 to 105
°C
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
2. PCI pins are designed to withstand LVDD + 5% V DC when LVDD is connected to a 5.0-V DC power supply.
3. PCI pins are designed to withstand LVDD + 0.5 V DC when LVDD is connected to a 3.3-V DC power supply.
4. The voltage supply value of 1.8/1.9/2.0 V ± 100 mV applies to parts marked as having a maximum CPU speed of 266 and
300 MHz. See Table 7. For each chosen nominal value (1.8/1.9/2.0 V) the supply voltage should not exceed ± 100 mV of
the nominal value.
5. The voltage supply value of 2.0/2.1 V ± 100 m V applies to parts marked as having a maximum CPU speed of 333 and 350
MHz. See Table 7. For each chosen nominal value (2.0/2.1 V) the supply voltage should not exceed ± 100 mV of the nominal
value.
Cautions:
6. Input voltage (Vin) must not be greater than the supply voltage (VDD/AVDD/AVDD2) by more than 2.5 V at all times, including
during power-on reset. Input voltage (Vin) must not be greater than GVDD/OVDD by more than 0.6 V at all times, including
during power-on reset.
7. OVDD must not exceed VDD/AVDD/AVDD2 by more than 1.8 V at any time, including during power-on reset. This limit may
be exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
8. VDD/AVDD/AVDD2 must not exceed OVDD by more than 0.6 V at any time, including during power-on reset. This limit may
be exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
9. GVDD must not exceed VDD/AVDD/AVDD2 by more than 1.8 V at any time, including during power-on reset. This limit may
be exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
10.LVDD must not exceed VDD/AVDD/AVDD2 by more than 5.4 V at any time, including during power-on reset. This limit may be
exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
11. LVDD must not exceed OVDD by more than 3.0 V at any time, including during power-on reset. This limit may be exceeded
for a maximum of 20 ms during power-on reset and power-down sequences.
12.This voltage is the input to the filter discussed in Section 7.1, “PLL Power Supply Filtering,” and not necessarily the voltage
at the AVDD pin, which may be reduced from VDD by the filter.
Table 2. Recommended Operating Conditions1 (continued)
Characteristic
Symbol
Recommended
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com