Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC7410 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
34
Freescale Semiconductor
System Design Information
7.6 Substrate Capacitors for the MPC7410
Figure 20 shows the connectivity of the substrate capacitor pads for the MPC7410, 360 CBGA and 360 HCTE
packages.
Figure 20. Substrate Bypass Capacitors for the MPC7410
8
System Design Information
This section provides electrical and thermal design recommendations for successful application of the MPC7410.
8.1 PLL Configuration
The MPC7410 PLL is configured by the PLL_CFG[0:3] signals. For a given SYSCLK (bus) frequency, the PLL
configuration signals set the internal CPU and VCO frequency of operation. The PLL configuration for the
MPC7410 is shown in Table 13 for example frequencies. In this example, shaded cells represent settings that, for a
given SYSCLK frequency, result in core and/or VCO frequencies that do not comply with the minimum and
maximum core frequencies listed in Table 8.
Table 13. MPC7410 Microprocessor PLL Configuration
PLL_CFG
[0:3]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to
VCO
Multiplier
Bus
33.3 MHz
Bus
50 MHz
Bus
66.6 MHz
Bus
75 MHz
Bus
83.3 MHz
Bus
100 MHz
Bus
133 MHz
0100
2x
2x
—
—
—
—
—
—
—
0110
2.5x
2x
—
—
—
—
—
—
—
1000
3x
2x
—
—
—
—
—
—
400
(800)
1110
3.5x
2x
—
—
—
—
—350
(700)
465
(930)
1010
4x
2x
—
—
—
—
—400
(800)
—
Package
Caps
Value
µF
Voltage
Reference
C1-1
0.01
L2OVDD
C1-2
GND
C2-1
0.01
L2OVDD
C2-2
GND
C3-1
0.01
VDD
C3-2
GND
C4-1
0.01
OVDD
C4-2
GND
C5-1
0.01
OVDD
C5-2
GND
C6-1
0.01
VDD
C6-2
GND
A1 CORNER
C1-1
C1-2
C2-1
C2-2
C3-2
C3-1
C4-2
C4-1
C5-2
C5-1
C6-1
C6-2
L1
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com