Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC7410 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
39
System Design Information
RP and RN are designed to be close to each other in value. Then, Z0 = (RP + RN)/2. Figure 24 describes the alternate
driver impedance measurement circuit.
Figure 24. Alternate Driver Impedance Measurement Circuit
Table 15 summarizes the signal impedance results. The driver impedance values were characterized at 0°, 65°, and
105°C. The impedance increases with junction temperature and is relatively unaffected by bus voltage.
8.6 Pull-Up Resistor Requirements
The MPC7410 requires pull-up resistors (1 k
Ω–5 kΩ) on several control pins of the bus interface to maintain the
control signals in the negated state after they have been actively negated and released by the MPC7410 or other bus
masters. These pins are: TS, ARTRY, SHDO, SHD1.
Four test pins also require pull-up resistors (100
Ω−1kΩ). These pins are CHK, L1_TSTCLK, L2_TSTCLK, and
LSSD_MODE. These signals are for factory use only and must be pulled up to OVDD for normal machine
operation.
If pull-down resistors are used to configure BVSEL or L2VSEL, the resistors should be less than 250
Ω (see Table
12). Because PLL_CFG[0:3] must remain stable during normal operation, strong pull-up and pull-down resistors
(1 k
Ω or less) are recommended to configure these signals in order to protect against erroneous switching due to
ground bounce, power supply noise or noise coupling.
In addition, CKSTP_OUT is an open-drain style output that requires a pull-up resistor (1 k
Ω–5 kΩ) if it is used by
the system. The CKSTP_IN signal should likewise be pulled up through a pull-up resistor (1 k
Ω–5 kΩ) to prevent
erroneous assertions of this signal.
During inactive periods on the bus, the address and transfer attributes may not be driven by any master and may,
therefore, float in the high-impedance state for relatively long periods of time. Since the MPC7410 must continually
monitor these signals for snooping, this float condition may cause excessive power draw by the input receivers on
Table 15. Impedance Characteristics
VDD = 1.8 V, OVDD = 2.5 V, Tj = 0° – 105°C
Impedance
Processor Bus
L2 Bus
Symbol
Unit
RN
41.5–54.3
42.7–54.1
Z0
Ω
RP
37.3–55.3
39.3–50.0
Z0
Ω
(L2)OVDD
BGA
Data
Pin
Vforce
OGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com