Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC7410 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
15
Electrical and Thermal Characteristics
4.2.2
Processor Bus AC Specifications
Table 8 provides the processor bus AC timing specifications for the MPC7410 as defined in Figure 4 and Figure 5.
Timing specifications for the L2 bus are provided in Section 4.2.3, “L2 Clock AC Specifications.”
Table 8. Processor Bus AC Timing Specifications 1
At recommended operating conditions (see Table 3)
Parameter
Symbol 2
400, 450, 500 MHz
Unit
Notes
Min
Max
Input setup
tIVKH
1.0
—
ns
4
Input hold
tIXKH
0—
ns
4
Output valid times:
TS
ARTRY, SHD0, SHD1
All other outputs
tKHTSV
tKHARV
tKHOV
—
—
—
3.0
2.3
3.0
ns
5, 6
Output hold times:
TS
ARTRY, SHD0, SHD1
All other outputs
tKHTSX
tKHARX
tKHOX
0.5
0.5
0.5
—
—
—
ns
5
SYSCLK to output enable
tKHOE
0.5
—
ns
9
SYSCLK to output high impedance (all except ABB/AMON(0),
ARTRY/SHD, DBB/DMON(0), SHD0, SHD1)
tKHOZ
—3.5
ns
SYSCLK to ABB/AMON(0), DBB/DMON(0) high impedance after
precharge
tKHABPZ
—1
t
SYSCLK
3, 7, 9
Maximum delay to ARTRY, SHD0, SHD1 precharge
tKHARP
—1
t
SYSCLK
3, 8, 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com