Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC7410 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
5
Features
— Store gathering
— Executes the cache and TLB instructions
— Big- and little-endian byte addressing supported
— Misaligned little-endian supported
— Supports FXU, FPU, and AltiVec load/store traffic
— Complete support for all four architecture AltiVec DST streams
•
Level 1 (L1) cache structure
— 32 Kbyte, 32-byte line, eight-way set-associative instruction cache (iL1)
— 32 Kbyte, 32-byte line, eight-way set-associative data cache (dL1)
— Single-cycle cache access
— Pseudo least-recently-used (LRU) replacement
— Data cache supports AltiVec LRU and transient instructions algorithm
— Copy-back or write-through data cache (on a page-per-page basis)
— Supports all PowerPC memory coherency modes
— Nonblocking instruction and data cache
— Separate copy of data cache tags for efficient snooping
— No snooping of instruction cache except for ICBI instruction
•
Level 2 (L2) cache interface
— Internal L2 cache controller and tags; external data SRAMs
— 512-Kbyte, 1-Mbyte, and 2-Mbyte two-way set-associative L2 cache support
— Copy-back or write-through data cache (on a page basis, or for all L2)
— 32-byte (512-Kbyte), 64-byte (1-Mbyte), or 128-byte (2-Mbyte) sectored line size
— Supports pipelined (register-register) synchronous BurstRAMs and pipelined (register-register) late
write synchronous BurstRAMs
— Supports direct-mapped mode for 256 Kbytes, 512 Kbytes, 1 Mbyte, or 2 Mbytes of SRAM (either all,
half, or none of L2 SRAM must be configured as direct-mapped)
— Core-to-L2 frequency divisors of ÷1, ÷1.5, ÷2, ÷2.5, ÷3, ÷3.5, and ÷4 supported
— 64-bit data bus which also supports 32-bit bus mode
— Selectable interface voltages of 1.8 and 2.5 V
•
Memory management unit
— 128-entry, two-way set-associative instruction TLB
— 128-entry, two-way set-associative data TLB
— Hardware reload for TLBs
— Four instruction BATs and four data BATs
— Virtual memory support for up to 4 hexabytes (2
52) of virtual memory
— Real memory support for up to 4 gigabytes (232) of physical memory
— Snooped and invalidated for TLBI instructions
•
Efficient data flow
— All data buses between VRF, load/store unit, dL1, iL1, L2, and the bus are 128 bits wide
— dL1 is fully pipelined to provide 128 bits/cycle to/from the VRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com