Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC7410 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
7
General Parameters
3
General Parameters
The following list provides a summary of the general parameters of the MPC7410:
Technology
0.18 µm CMOS, six-layer metal
Die size
6.32 mm
× 8.26 mm (52 mm2)
Transistor count
10.5 million
Logic design
Fully static
Packages
Surface mount 360 ceramic ball grid array (CBGA)
Surface mount 360 high coefficient of thermal expansion ceramic ball grid array
(HCTE_CBGA)
Surface mount 360 high coefficient of thermal expansion ceramic ball grid array with
lead free C5 spheres (HCTE_CBGA Lead Free C5 Spheres)
Surface mount 360 high coefficient of thermal expansion ceramic land grid array
(HCTE_LGA)
Core power supply 1.8 V ± 100 mV DC (nominal; see Table 3 for recommended operating conditions)
I/O power supply
1.8 V ± 100 mV DC or
2.5 V ± 100 mV
3.3 V ± 165 mV (system bus only)
(input thresholds are configuration pin selectable)
4
Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the MPC7410.
4.1 DC Electrical Characteristics
The tables in this section describe the MPC7410 DC electrical characteristics. Table 1 provides the absolute
maximum ratings.
Table 1. Absolute Maximum Ratings 1
Characteristic
Symbol
Maximum Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 2.1
V
4
PLL supply voltage
AVDD
–0.3 to 2.1
V
4
L2 DLL supply voltage
L2AVDD
–0.3 to 2.1
V
4
Processor bus supply voltage
OVDD
–0.3 to 3.6
V
3, 6
L2 bus supply voltage
L2OVDD
–0.3 to 2.8
V
3
Input voltage
Processor bus
Vin
–0.3 to OVDD + 0.2 V
V
2, 5
L2 bus
Vin
–0.3 to L2OVDD + 0.2 V
V
2, 5
JTAG signals
Vin
–0.3 to OVDD + 0.2 V
V
Storage temperature range
Tstg
–55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com