Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC7410 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
11
Electrical and Thermal Characteristics
Table 5 provides the DC electrical characteristics for the MPC7410.
Junction-to-case thermal resistance
RθJC
< 0.1
< 0.1
°C/W
4
Notes:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
2. Per JEDEC JESD51-6 with the board horizontal.
3. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
4. Thermal resistance between the active portion of the die and the calculated case temperature at the top of the die.
The actual value of R JC is less than 0.1 °C/W.
Note: Refer to Section 8.8, “Thermal Management Information,” for details on thermal management.
Table 5. DC Electrical Specifications
At recommended operating conditions (see Table 3)
Characteristic
Nominal
Bus
Voltage1
Symbol
Min
Max
Unit
Notes
Input high voltage (all inputs except
SYSCLK)
1.8
VIH
0.65
× (L2)OVDD
(L2)OVDD + 0.2
V
2, 3, 8
2.5
VIH
1.7
(L2)OVDD + 0.2
3.3
VIH
2.0
OVDD + 0.3
Input low voltage (all inputs except
SYSCLK)
1.8
VIL
–0.3
0.35
× (L2)OVDD
V8
2.5
VIL
–0.3
0.2
× (L2)OVDD
3.3
VIL
–0.3
0.8
SYSCLK input high voltage
1.8
CVIH
1.5
OVDD + 0.2
V
2, 8
2.5
CVIH
2.0
OVDD + 0.2
3.3
CVIH
2.4
OVDD + 0.3
SYSCLK input low voltage
1.8
CVIL
–0.3
0.2
V
8
2.5
CVIL
–0.3
0.4
3.3
CVIL
–0.3
0.4
Input leakage current,
Vin = L2OVDD/OVDD
1.8
Iin
—20
µA
2, 3,
6, 7
2.5
Iin
—35
3.3
Iin
—70
Table 4. Package Thermal Characteristics (continued)
Characteristic
Symbol
Value
Unit
Notes
MPC7410
CBGA
MPC7410
HCTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com