Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30ETDR10BPA2IO Datasheet(PDF) 10 Page - Carlo Gavazzi Holding AG

Part # PD30ETDR10BPA2IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30ETDR10BPA2IO Datasheet(HTML) 10 Page - Carlo Gavazzi Holding AG

Back Button PD30ETDR10BPA2IO Datasheet HTML 6Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 7Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 8Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 10Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 11Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 12Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 13Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 14Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Carlo Gavazzi Industri A/S
PD30ETDx10BPxxIO - IO-Link
PD30ETDx10BPxxIO ENG
28/04/2021
Features
Power Supply
Rated operational voltage (U
B)
10 ... 30 VDC (ripple included)
Ripple (U
rpp )
≤ 10%
No load supply current (I
o)
≤ 30 mA @ U
B min.
≤ 15 mA @ U
B max.
Power-ON delay (t
v)
≤ 150 ms
Auto adjust
Auto adjust
SSC1
• ON
• OFF
Factory settings: OFF
SSC2
• ON
• OFF
Factory settings: OFF
Input selector
Input selector
Channel A
• Deactivated
• SSC1
• SSC2
• Dust alarm 1
• Dust alarm 2
• Temperature alarm
• External input
• Application functions
Factory settings: SSC1
Channel B
• Deactivated
• SSC1
• SSC2
• Dust alarm 1
• Dust alarm 2
• Temperature alarm
• External input
• Application functions
Factory settings: SSC1
Logic functions
Logic functions
Channel A + B for SO1
• Direct
• AND
• OR
• X-OR
• SR-FF
Factory settings: Direct
Channel A + B for SO2
• Direct
• AND
• OR
• X-OR
• SR-FF
Factory settings: Direct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com