Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30ETDR10BPA2IO Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # PD30ETDR10BPA2IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30ETDR10BPA2IO Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  PD30ETDR10BPA2IO Datasheet HTML 1Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 2Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 3Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 4Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 5Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 6Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 7Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 8Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Carlo Gavazzi Industri A/S
PD30ETDx10BPxxIO - IO-Link
PD30ETDx10BPxxIO ENG
28/04/2021
Main functions
• Detects presence or absence of objects by detecting reflected light energy from the object.
• The sensor can be operated in IO-Link mode once connected to an IO-Link master or in standard I/O mode.
• Received light intensity as process data.
• Neighbor inference protection.
• Sensing distance by potentiometer, teach by wire or by IO-link parameter.
• Quality of Run and Quality of Teach result.
• Temperature date for preventive maintenance.
• Front-end check for preventive maintenance.
Adjustable parameters via IO-Link interface:
• Sensing distance and hysteresis.
• Sensing modes: single point or two point or window mode.
• Timer functions, e.g.: On-delay, Off delay, One shot leading edge or trailing edge.
• Logic functions such as: AND, OR, X-OR and SR-FF.
• External input.
• Logging functions: Maximum temperatures, minimum temperatures, operating hours, operating cycles, power cycles,
minutes above maximum temperature, minutes below minimum temperature, etc.
• Auto hysteresis
• Special functions: Pattern Recognition, Speed & Length, Divider function and Object & Gap Monitoring.
References
Product selection key
PD30ETD
10BP
IO
Enter the code option instead of
Code
Option
Description
P
-
Sensing principle: Photoelectric sensor
D
-
Rectangular housing
30
-
Length of housing
E
-
Stainless steel
T
-
Top trimmer
D
-
Diffuse reflective
I
infrared light
R
Red light
10
-
Sensing distance: 1000 mm
B
-
Selectable functions: NPN, PNP, Push-Pull, External Input (only pin 2) or External teach
input (only pin 2)
P
-
Selectable: N.O. or N.C.
A2
Cable, 2 m
M5
Connector M8
IO
-
IO-Link version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com