Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30ETDR10BPA2IO Datasheet(PDF) 13 Page - Carlo Gavazzi Holding AG

Part # PD30ETDR10BPA2IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30ETDR10BPA2IO Datasheet(HTML) 13 Page - Carlo Gavazzi Holding AG

Back Button PD30ETDR10BPA2IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 10Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 11Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 12Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 13Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 14Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 15Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 16Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 17Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Carlo Gavazzi Industri A/S
PD30ETDx10BPxxIO - IO-Link
PD30ETDx10BPxxIO ENG
28/04/2021
LED indication
LED indication selection
• LED indication inactive
• LED indication active
• Find my sensor
Factory settings: LED indication active
Environmental
Ambient temperature
-25°... +60°C (-13°... +140°F)
Operating 1)
-40° ... +85°C (-40° ... +185°F)
Storage 1)
Ambient humidity range
35% ... 95%
Operating 2)
35% ... 95%
Storage 2)
Ambient light
≤ 10 000 lux
@ 3000 … 3200 °K
Vibration
10 ...150 Hz, 1.0 mm/15 g
EN 60068-2-6
Shock
30 g
n / 11 ms, 3 pos, 3 neg per axis
EN60068-2-27
Drop test
2 x 1 m and 100 x 0.5 m
EN 60068-2-31
Rated insulation voltage (U
i)
50 VDC
Dielectric insulation voltage
≥ 500 VAC rms
50/60 Hz for 1 min.
Rated impulse withstand voltage
>1 kV (with 500 Ω)
1.2/50 μs
Pollution degree
3
IEC60664, 60664A; EN60947-1
Overvoltage category
III
IEC60664; EN60947-1
Degree of protection
IP67, IP68 @ 2 m and 20 h
IEC60539; EN60947-1
IP69K
(DIN 40050-9)
NEMA Enclosure Types
1, 2, 4, 4X, 5, 6, 6P, 12
NEMA 250
1)
Do not bend the cable in temperatures below -10°C
2)
With no icing or condensation
EMC
Electrostatic discharge immunity test ± 8 kV @ air discharge or
± 4 kV @ contact discharge
IEC 61000-4-2; EN60947-1
Electromagnetic field immunity
10 V/m
IEC 61000-4-3; EN60947-1
Fast transient immunity
±2 kV / 5 kHz
IEC 61000-4-4; EN60947-1
Wire-conducted noise
10 Vrms
IEC 61000-4-3; EN60947-1
Power frequency magnetic field im-
munity test
Continuous: >30 A/m, 28 µ tesla
Short-time: >300 A/m, 280 µ tesla
IEC 61000-4-8; EN60947-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com