Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30ETDR10BPA2IO Datasheet(PDF) 14 Page - Carlo Gavazzi Holding AG

Part # PD30ETDR10BPA2IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30ETDR10BPA2IO Datasheet(HTML) 14 Page - Carlo Gavazzi Holding AG

Back Button PD30ETDR10BPA2IO Datasheet HTML 10Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 11Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 12Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 13Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 14Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 15Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 16Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 17Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 18Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
Carlo Gavazzi Industri A/S
PD30ETDx10BPxxIO - IO-Link
PD30ETDx10BPxxIO ENG
28/04/2021
Diagnostic parameters
Function
Unit
Range
Sensor Diagnostics
Frontend Failure
0
0 or 1
Memory Failure
0
0 or 1
Temperature Diagnostics
Current temperature
[°C]
-50 ... +150
Maximum temperature - All time high [°C]
-50 ... +150
Minimum temperature - All time low
[°C]
-50 ... +150
Maximum temperature - Since last
power-up
[°C]
-50 ... +150
Minimum temperature - Since last
power-up
[°C]
-50 ... +150
Minutes above Maximum Temperature [min]
0 … 2 147 483 647
Minutes below Minimum Temperature [min]
0 … 2 147 483 647
Operating Diagnostic
Operating Hours
[h]
0 … 2 147 483 647
Number of Power Cycles
[cycles]
0 … 2 147 483 647
Detection counter SSC1
[cycles]
0 … 2 147 483 647
Maintenaince event counter
[cycles]
0 … 2 147 483 647
Download counter
[counts]
0 …65 536
Quality of Teach
-
0 ... 255%
Quality of Run
-
0 ... 255%
Excess gain
0 ... 255
Error Count
[counts]
0 …65 536
Device Status
0 = Device is operating properly
1 = Maintenance required
2 = Out-of-specification
3 = Functional-Check
4 = Failure
Factory settings: 0
Events Configuration
Events
Factory default setting
Maintenaince Event
Inactive
Temperature fault event
Inactive
Temperature over-run
Inactive
Temperature under-run
Inactive
Short circuit
Inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com