Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30ETDR10BPA2IO Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # PD30ETDR10BPA2IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30ETDR10BPA2IO Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  PD30ETDR10BPA2IO Datasheet HTML 1Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 2Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 3Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 4Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 5Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 6Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 7Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 8Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Carlo Gavazzi Industri A/S
PD30ETDx10BPxxIO - IO-Link
PD30ETDx10BPxxIO ENG
28/04/2021
Photoelectric Diffuse Reflective sensors with IO-Link communication
Description
The PD30ETDx10BPxxIO stainless steel sensors
are built with high-quality materials and designed
for harsh environments.
They are designed for use in environments where
high-pressure cleaning, cleaning agents and
disinfectants are used on a daily basis.
The strong stainless steel (AISI316L) together with
high-quality plastic materials like PEEK, PPSU,
and PES sealings of FKM ensure a safe and
excellent mechanical resistance.
The sensor housing has the IP69K rating as well as
approval by ECOLAB for cleaning and disinfection
agents.
The compact sensor design is ideally suited to
confined spaces.
Benefits
•
Red or infrared sensor with IO-Link with a adjustable
distance of 100 to 1000 mm, either by trimmer or via IO-
Link.
•
Application functions: Pattern Recognition, Speed &
Length, Divider function and Object & Gap Monitoring.
•
Neighbour Immunity, selectable up to 3 sensors
•
Easy customization to specific OEM requests by use of
the build in IO-Link functionalities.
•
The output can be operated either as a standard
switching output or in IO-Link mode.
•
Fully configurable via output IO-Link v 1.1. Electrical
outputs can be configured as PNP / NPN / Push-Pull /
External input, normally open or normally closed.
•
Timer functions can be set, such as ON-delay, Off-
delay, and one shots.
•
Logging functions: Temperatures, detecting counter,
power cycles and operating hours.
•
Detection modes Single point, two point and windows
mode.
•
Logic functions: AND, OR, XOR and Gated SR-FF.
•
Analogue output: In IO-Link mode the sensor
will generate 16 bit analogue process data output
representing various selectable process data such as
received signal level.
•
Applications
Pattern Recognition: An easy way to verify that a product is manufactured to the specification e.g. Furniture
production where tabs or holes has to be with a defined pattern.
Speed and Length: Monitor the speed and length of an object on a conveyour for e.g. sorting on size.
Divider function: A de-central counting function that gives a signal when a preset count level is reached e.g.
when a certain items are packed in a carton box it ask for a new box.
Object and Gap Monitoring: Function that can sort out good objects and gaps between them so e.g. a
packaging machine only reveive objects with the correct size and gaps.


Similar Part No. - PD30ETDR10BPA2IO

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
PD30ETBI20BPA2IO CARLOGAVAZZI-PD30ETBI20BPA2IO Datasheet
1Mb / 19P
Photoelectric Background Suppression sensors with IO-Link communication
03/05/2021
PD30ETBI20BPM5IO CARLOGAVAZZI-PD30ETBI20BPM5IO Datasheet
1Mb / 19P
Photoelectric Background Suppression sensors with IO-Link communication
03/05/2021
PD30ETBR20BPA2IO CARLOGAVAZZI-PD30ETBR20BPA2IO Datasheet
1Mb / 19P
Photoelectric Background Suppression sensors with IO-Link communication
03/05/2021
PD30ETBR20BPM5IO CARLOGAVAZZI-PD30ETBR20BPM5IO Datasheet
1Mb / 19P
Photoelectric Background Suppression sensors with IO-Link communication
03/05/2021
PD30ETBX20BPXXIO CARLOGAVAZZI-PD30ETBX20BPXXIO Datasheet
1Mb / 19P
Photoelectric Background Suppression sensors with IO-Link communication
03/05/2021
More results

Similar Description - PD30ETDR10BPA2IO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
logo
Linear Technology
LT3669-2 LINER-LT3669-2 Datasheet
2Mb / 12P
IO-Link Device with Multiple Sensors
logo
Carlo Gavazzi Holding A...
CA30CAF16BPA2IO CARLOGAVAZZI-CA30CAF16BPA2IO Datasheet
1Mb / 19P
Capacitive Proximity Sensors with IO-Link communication
CA18FAF08BPA2IO CARLOGAVAZZI-CA18FAF08BPA2IO Datasheet
1Mb / 19P
Capacitive Proximity Sensors with IO-Link communication
CA18EAF08BPA2IO CARLOGAVAZZI-CA18EAF08BPA2IO Datasheet
1Mb / 19P
Capacitive Proximity Sensors with IO-Link communication
CA18CAF08BPA2IO CARLOGAVAZZI-CA18CAF08BPA2IO Datasheet
1Mb / 19P
Capacitive Proximity Sensors with IO-Link communication
CA30FAF16BPA2IO CARLOGAVAZZI-CA30FAF16BPA2IO Datasheet
1Mb / 10P
Capacitive Proximity Sensors with IO-Link communication
CA30EAF16BPA2IO CARLOGAVAZZI-CA30EAF16BPA2IO Datasheet
1Mb / 19P
Capacitive Proximity Sensors with IO-Link communication
logo
WAGO Kontakttechnik Gmb...
2789-9080 WAGO-2789-9080 Datasheet
241Kb / 6P
Communication module; IO-Link; communication capability
18.10.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com