Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30ETDR10BPA2IO Datasheet(PDF) 12 Page - Carlo Gavazzi Holding AG

Part # PD30ETDR10BPA2IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30ETDR10BPA2IO Datasheet(HTML) 12 Page - Carlo Gavazzi Holding AG

Back Button PD30ETDR10BPA2IO Datasheet HTML 8Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 10Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 11Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 12Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 13Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 14Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 15Page - Carlo Gavazzi Holding AG PD30ETDR10BPA2IO Datasheet HTML 16Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Carlo Gavazzi Industri A/S
PD30ETDx10BPxxIO - IO-Link
PD30ETDx10BPxxIO ENG
28/04/2021
Power supply
ON
Target (Object)
Present
Break output
(N.C.)
ON
Tv
Make output
(N.O.)
ON
Tv
Response times
Operating frequency (f)
≤ 1000 Hz
Response times
≤ 500 µs
OFF-ON (t
ON)
≤ 500 µs
ON-OFF (t
OFF)
Indication
Green LED
Yellow LED
Power
Function
SIO and IO-Link mode
ON
ON
ON
ON (stable)* SSC1
ON
OFF
ON
OFF (stable)* SSC1
OFF
OFF
OFF
OFF (Not stable) SSC1
Flashing 1 Hz
(10% or 90% du-
tycycle )
-
ON
Connected via IO-Link
-
Flashing 10 Hz
50% dutycycle
ON
Output short-circuit
-
Flashing 0.5…20
Hz
50% dutycycle
ON
Timer triggered indication
SIO mode only
-
Flashing 1 HZ
ON 100 ms
OFF 900 ms
ON
External teach by wire.
Only for single point mode.
-
Flashing 1 HZ
ON 900 ms
OFF 100 ms
ON
Teach time window (3 - 6 sec).
-
Flashing 10 HZ
ON 50 ms
OFF 50 ms
Flashing for 2 sec
ON
Teach time out (12 sec).
-
Flashing 2 HZ
ON 250 ms
OFF 250 ms
Flashing for 2 sec
ON
Teach successful.
O-Link mode only
Flashing 1 HZ
ON 900 ms
OFF 100 ms
-
ON
Sensor is in IO-Link mode.
Flashing 2 Hz
50% dutycycle
ON
Find my sensor
*See operation diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com