Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5669 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation SP5669 Datasheet HTML 10Page - Mitel Networks Corporation SP5669 Datasheet HTML 11Page - Mitel Networks Corporation SP5669 Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
SP5669
DOUBLE CONVERSION TUNER SYSTEMS
The high 2.7GHz maximum operating frequency and
excellent noise characteristics of the SP5669 enables the
construction of double conversion high IF tuners.
A typical system shown in Fig.8 will use the SP5669 as the
first LO control for full band upconversion to an IF of greater
than 1GHz. The wide range of reference division ratios allows
the SP5669 to be used both for the up converter LO with a high
phase comparator frequency (hence low phase noise) and the
down converter which utilises the device in a lower
comparison frequency mode (which offers a fine step size).
50–900MHz
1.6GHz
38.9MHz
1650–2700MHz
SP5659
SP5659
First LO
Second LO
Reference Clock
Fig. 8 Example of double conversion from VHF/UHF frequencies to TV IF
CONTROL
MICRO
15nF
68pF
+30V
+5V
22k
16k
47k
+12V
2n2
BCW31
1n
1n
10n
P3
TUNER
OSCILLATOR
OUTPUT
13k3
P0
SCL
SDA
ADDRESS
REF 10n
18pF
4MHz
Optional application utilising
on–board crystal controlled
oscillator
2
3
4
5
6
7
13
12
11
10
89
116
116
14
15
P2
P1
ADC
Fig. 9 Typical appliction
APPLICATION NOTES
A generic set of application notes AN168 for designing with
synthesisers such as the SP5659 has been written. This
covers aspects such as loop filter design and decoupling. This
application note is also featured in the Media Data Book, or
refer to the Mitel Semicondor Internet Site http://
www.gpsemi.com. A generic test/demo board has been pro-
duced which can be used for the SP5669. A circuit diagram
and list of components for the board is shown in Figs. 10 and
11.
The board can be used for the following purposes:
(A) Measuring RF sensitivity performance.
(B) Indicating port function.
(C) Synthesising a voltage controlled oscillator.
(D) Testing of external reference
SP5669
SP5669



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com