Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5669 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation SP5669 Datasheet HTML 10Page - Mitel Networks Corporation SP5669 Datasheet HTML 11Page - Mitel Networks Corporation SP5669 Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
SP5669
EXTERNAL REFERENCE
SKT2
10nF*
*(NOT FITTED)
C6
C2
15nF
R6 13K3
C3
68pF
+5V
P2
+12V
C8
C9
C7/C8/C9 = 100nF
R7
22K
C7
R8
16K
R9
47K
C12
2n2F
VAR
GND
T1
2N3904
13
12
11
10
9
8
2
3
4
5
6
7
C5
1nF
C4
1nF
SKT1
RF INPUT
C10
1nF
D5
D4
D3
D2
D1
C11
1nF
C1
18pF
X1 4MHz
P1
C13
100pF
C14
100pF
DISABLE / REF
ENABLE
DATA / SDA
CLOCK / SCL
+30V
LOCK
1
1
14
15
16
NOTE : The circuit diagram shown is designed
for use with a number of synthesisers.
The LED connected to pin 11 is redundant when
a SP5659 is used in this board.
Fig. 10 Test board
Fig. 11 Test board (layout)
SP5669
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com