Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5669 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation SP5669 Datasheet HTML 10Page - Mitel Networks Corporation SP5669 Datasheet HTML 11Page - Mitel Networks Corporation SP5669 Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
SP5669
VREF
500
500
RF INPUTS
VCC
CHARGE
PUMP
DRIVE
OUTPUT
PORT
CRYSTAL
RF inputs
Loop amplifier
SDA and SCL and ADC
Reference oscillator
Output Ports
100
OS
(Output disable)
VCC
200
VCC
3k
SCL/SDA/ADC
ACK
SDA ONLY
VCC
30k
3k
10K
ADDRESS
Address input
REF/COMP output
VCC
REF/COMP
enable/
disable
Fig. 14 Input/Output interface circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com