Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5669 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SP5669 Datasheet HTML 1Page - Mitel Networks Corporation SP5669 Datasheet HTML 2Page - Mitel Networks Corporation SP5669 Datasheet HTML 3Page - Mitel Networks Corporation SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
SP5669
byte. If the controller fails to pull the SDA line low during this
period, the device generates an internal STOP condition,
which inhibits further reading.
WRITE MODE
With reference to Table 1, bytes 2 and 3 contain frequency
information bits 2 14 –2 0 inclusive. Auxillary frequency bits
2 16 –2 15 are in byte 4. For most frequencies only bytes 2 and
3 will be required. The remainder of byte 4 and byte 5 control
the prescaler enable, reference divider ratio (see Fig. 3),
charge pump, REF/COMP output (see Fig. 5), output ports
and test modes (see Fig. 5).
After reception and acknowledgement of a correct address
(byte 1), the first bit of the following byte determines whether
the byte is interpreted as a byte 2 or 4, a logic ’0’ indicating byte
2 and a logic ’1’ indicating byte 4. Having interpreted this byte
as either byte 2 or 4 the following data byte will be interpreted
as byte 3 or 5 respectively. Having received two complete data
bytes, additional data bytes can be entered, where byte
interpretation follows the same procedure, without
readdressing the device. This procedure continues until a
STOP condition is received. The STOP condition can be
generated after any data byte, if however it occurs during a
byte transmission, the previous data is retained.
To facilitate smooth fine tuning, the frequency data bytes
are only accepted by the device after all 17 bits of frequency
data have been received, or after the generation of a STOP
condition. Repeatedly sending bytes 2 and 3 only will not
change the frequency. A frequency change occurs when one
of the following data sequences is sent to an addressed
device;
Bit 2 (FL) indicates whether the device is phase locked, a
logic ’1’ is present if the device is locked, and a logic ’0’ if the
device is unlocked.
Bits 6,7 and 8 (A2, A1, A0) combine to give the output of the
ADC. The ADC can be used to feed AFC information to the
microprocessor via the I 2 C bus.
ADDITIONAL PROGRAMMABLE FEATURES
Prescaler enable
The divide by two prescaler is enabled by setting bit PE within
byte 4 to a logic ’1’. A logic ’0’ disables the prescaler, directly
passing the RF input frequency to the 17–bit programmable
counter. Bit PE is a static select only.
Charge pump current
The charge pump current can be programmed by bits C1 and
C0 within data byte 5, as defined in Fig. 6.
Test mode
The test modes are invoked by setting bits RE=0 and RTS=1
within the programming data, and are selected by bits TS2,
TS1 and TS0 as shown in Fig. 5. When TS2, TS1 and TS0 are
received, the device retains previously received P2, P1 and
P0 data.
Reference/Comparison frequency output
The reference frequency F ref can be switched to the REF/
COMP output, pin 3, by setting bit RE=1 and RTS=0 within
byte 5. The comparison frequency F comp can be switched to
the REF/COMP output, pin 3, by setting bit RE=1 and RTS=1
within byte 5. For RE set to logic ’0’, the output is disabled and
set to a high state. RE and RTS default to logic ’1’ during
device power up, thus enabling the comparison frequency F
comp
at the REF/COMP output.
Bytes 2, 3, 4, 5
Bytes 4, 5, 2, 3
or when a STOP condition follows valid data bytes as
follows;
Bytes 2, 3, 4, STOP
Bytes 4, 5, 2 STOP
Bytes 2, 3, STOP
Bytes 2, STOP
Bytes 4, STOP
It should be noted that the device must be initially addressed
with both frequency AND control byte data, since the control
byte contains reference divider information which must be
provided before a chosen frequency can be synthesised. This
implies that after initial turn on, bytes 2, 3, 4 must be sent
followed by a STOP condition as a minimum requirement.
Alternatively bytes 2, 3, 4, 5 must be sent if port information is
also required.
READ MODE
When the device is in read mode, the status byte read from
the device takes the form shown in Table 2, Fig. 4.
Bit 1 (POR) is the power–on reset indicator, and this is set
to a logic ’1’ if the V
CC supply to the device has dropped below
3V (at 25
°C), e.g. when the device is initially turned ON. The
POR is reset to ’0’ when the read sequence is terminated by
a STOP command. When POR is set high (at low V
CC), the
programmed information is lost and the output ports are all set
to high impedance.
Comparison
frequency with a
R3
R2
R1
R0
Ratio
4MHz external
reference
0
0
0
0
2
2MHz
0
0
0
1
4
1MHz
0
0
1
0
8
500kHz
0
0
1
1
16
250kHz
0
1
0
0
32
125kHz
0
1
0
1
64
62.5kHz
0
1
0
0
128
31.25kHz
0111
256
15.625kHz
1
0
0
0
Not
-
Allowed
1
0
0
1
6
666.67kHz
1
0
1
0
12
333.33kHz
1011
24
166.67kHz
1
1
0
0
48
83.33kHz
1
1
0
1
96
41.67kHz
1
1
1
0
192
20.83kHz
1
1
1
1
384
10.42kHz
Fig. 3 Reference division ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com