Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5669 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation SP5669 Datasheet HTML 10Page - Mitel Networks Corporation SP5669 Datasheet HTML 11Page - Mitel Networks Corporation SP5669 Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
SP5669
LOOP BANDWIDTH
The majority of applications for which the SP5669 is
intended require a loop filter bandwidth of between 2kHz
and10kHz.
Typically the VCO phase noise will be specified at both
1kHz and10kHz offset. It is common practice to arrange the
loop filter bandwidth such that the 1kHz figure lies within the
loop bandwidth. Thus the phase noise depends on the
synthesiser comparator noise floor, rather than the VCO.
The 10kHz offset figure should depend on the VCO provid-
ing the loop is designed correctly, and is not underdamped.
REFERENCE SOURCE
The SP5669 offers optimal LO phase noise performance
when operated with a large step size. This is due to the fact that
the LO phase noise within the loop bandwidth is:
phase comparator
LO frequency
noise floor + 20 log
10
phase comparator frequency
Assuming the phase comparator noise floor is flat
irrespective of sampling frequency, this means that the best
(
)
performance will be achieved when the overall LO to phase
comparator division ratio is a minimum.
There are two ways of achieving a higher phase compara-
tor sampling frequency:–
A) Reduce the division ratio between the reference source
and the phase comparator
B) use a higher reference source frequency.
Approach B) may be preferred for best performance since
it is possible that the noise floor of the reference oscillator may
degrade the phase comparator performance if the reference
division ratio is very small.
DRIVING TWO DEVICES FROM A COMMON
REFERENCE
As mentioned earlier in the Datasheet, the SP5669 has a
REF/COMP output which allows two synthesisers to be driven
from a common reference. To do this, the ‘‘Master” should be
programmed by setting RE = 1 and RTS = 0. The driven device
should be programmed for normal operation i.e. RE = 0, and
RTS = 0. The two devices should be connected as shown
below.
4MHz 18pF
1nF
2
3
4
5
6
7
13
12
11
10
89
14
15
116
116
2
3
4
5
6
7
13
12
11
10
89
14
15
116
116
0.5
0.2
1
0
+j0.2
+j0.5
+j1
+j2
+j5
2
5
–j5
–j2
–j1
–j0.5
–j0.2
FREQUENCY MARKERS AT 100MHz,
S11:Z0 = 50
X
X
X
X
NORMALISED TO 50
500MHz, 1GHz AND 2.7GHz
Fig. 12 Driving two devices from a common reference
Fig. 13 typical RF input impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com