Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5669 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5669 Datasheet HTML 1Page - Mitel Networks Corporation SP5669 Datasheet HTML 2Page - Mitel Networks Corporation SP5669 Datasheet HTML 3Page - Mitel Networks Corporation SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SP5669
ELECTRICAL CHARACTERISTICS (cont.)
T amb = –20
°C to 80 °C, V
CC =+ 4.5V to + 5.5V. Reference frequency = 4MHz. These characteristics are guaranteed
by either production test or design. They apply within the specified ambient temperature and supply voltage ranges unless
otherwise stated.
Characteristics
Pin
Value
Units
Conditions
Min
Typ
Max
SDA, SCL
5, 6
Input High voltage
3
5.5
V
Input Low voltage
0
1.5
V
Input High current
10
µA
Input voltage = V
CC
Input Low Current
–10
µA
Input voltage = V
EE
LeakageCurrent
10
µAV
CC = VEE
Input hysteresis
0.8
V
SDA Output voltage
5
0.4
V
I sink = 3mA
Charge pump output current
1
See Fig. 6, V pin = 2V
Charge pump output leakage
1
± 3
± 10
nA
V pin1 = 2V
Charge pump drive output
current
16
1
mA
V pin16 = 0.7V
Drive output saturation
voltage when disabled
16
350
mV
External reference input
frequency
2
2
20
MHz
AC coupled sinewave
External reference input
ampltude
2
200
500
mV p–p
AC coupled sinewave
Crystal frequency
2
4
16
MHz
Crystal oscillator drive level
2
35
mV p–p
Recommended crystal series
resistance
10
200
Ω
Applies to 4MHz crystal only.
‘Parallel resonant’ crystal. Figure
quoted is under all conditions
including start up.
Crystal oscillator negative
resistance
2
400
Ω
Includes temperature and
process tolerances.
REF/COMP output
3
Voltage
350
mV p–p
AC coupled output. Output
enabled,RE=1. See Note 1.
Comparison frequency
2
MHz
Equivalent phase noise at
phase detector
–148
dBC/Hz
6kHz loop BW, phase comparator
freq 250kHz. Figure measured @
1kHz offset, SSB (within loop
band width).
RF division ratio
240
131071
Prescaler disabled, PE = 0
480
262142
Prescaler enabled, PE = 1
Reference division ratio
See Fig. 3
Output ports P0, P1, P2, P3
7,8,9,
10
Sink current
10
mA
V port = 0.7V
Leakage current
10
µA
V port = 13.2V
ADC input voltage
11
See Table 4, Fig 4
ADC input current
11
±10
µAV
CC
≥ V input ≥ V
EE
Address input current High
4
1
mA
Input voltage =V
CC
Address input current Low
4
–0.5
mA
Input voltage =V
EE
Note 1: If the REF/COMP output is not used, the output should be left open circuit or connected to V
CC , and disabled by
setting RE=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com