Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU05 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST7LITEU05
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU05 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST7LITEU05 Datasheet HTML 75Page - STMicroelectronics ST7LITEU05 Datasheet HTML 76Page - STMicroelectronics ST7LITEU05 Datasheet HTML 77Page - STMicroelectronics ST7LITEU05 Datasheet HTML 78Page - STMicroelectronics ST7LITEU05 Datasheet HTML 79Page - STMicroelectronics ST7LITEU05 Datasheet HTML 80Page - STMicroelectronics ST7LITEU05 Datasheet HTML 81Page - STMicroelectronics ST7LITEU05 Datasheet HTML 82Page - STMicroelectronics ST7LITEU05 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 115 page
background image
ST7LITEU05 ST7LITEU09
79/115
13.3.5 Internal RC oscillator
To improve clock stability and frequency accuracy, it is recommended to place a decoupling capacitor, typically 100nF,
between the VDD and VSS pins as close as possible to the ST7 device
13.3.5.1 Internal RC oscillator calibrated at 5.0V
The ST7 internal clock can be supplied by an internal RC oscillator (selectable by option byte).
Notes:
1. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 22
2. Tested in production at 5.0 V only
13.3.5.2 Internal RC oscillator calibrated at 3.3V
The ST7 internal clock can be supplied by an internal RC oscillator (selectable by option byte).
Notes:
1. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 22
2. Tested in production at 3.3 V only
Figure 44. Typical accuracy with RCCR=RCCR0 vs VDD= 2.4-6.0V and Temperature
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator frequency
RCCR = FF (reset value),
TA=25°C,VDD=5V
4.4
MHz
RCCR = RCCR01 ),TA=25°C,VDD=5V
8
ACCRC
Accuracy of Internal RC oscilla-
tor with
RCCR=RCCR01)
TA=25°C, VDD=4.5 to 5.5V
2 )
-2.0
+2.0
%
TA=0 to +85°C, VDD=4.5 to 5.5V
2 )
-2.5
+4.0
%
TA=0 to +125°C, VDD=4.5 to 5.5V
2 )
-3.0
+5.0
%
TA=-40°C to 0°C, VDD=4.5 to 5.5V
2 )
-4.0
+2.5
%
tsu(RC)
RC oscillator setup time
TA=25°C, VDD=5V
4 2)
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator frequency
RCCR = FF (reset value),
TA=25°C,VDD=3.3V
4.3
MHz
RCCR = RCCR11 ),TA=25°C,VDD=3.3V
8
ACCRC
Accuracy of Internal RC oscilla-
tor with
RCCR=RCCR11)
TA=25°C, VDD=3.0 to 3.6V
2 )
-1.0
+1.0
%
TA=0 to +85°C, VDD=3.0 to 3.6V
2 )
-2.5
+4.0
%
TA=0 to +125°C, VDD=3.0 to 3.6V
2 )
-3.0
+5.0
%
TA=-40°C to 0°C, VDD=3.0 to 3.6V
2 )
-4.0
+2.5
%
tsu(RC)
RC oscillator setup time
TA=25°C, VDD=3.3V
4 2)
µs
-2.2
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
RC5V@-45C
RC5V@25C
RC5V@90C
RC5V@130C
RC5V@0C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com