Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU05 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST7LITEU05
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU05 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST7LITEU05 Datasheet HTML 79Page - STMicroelectronics ST7LITEU05 Datasheet HTML 80Page - STMicroelectronics ST7LITEU05 Datasheet HTML 81Page - STMicroelectronics ST7LITEU05 Datasheet HTML 82Page - STMicroelectronics ST7LITEU05 Datasheet HTML 83Page - STMicroelectronics ST7LITEU05 Datasheet HTML 84Page - STMicroelectronics ST7LITEU05 Datasheet HTML 85Page - STMicroelectronics ST7LITEU05 Datasheet HTML 86Page - STMicroelectronics ST7LITEU05 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 115 page
background image
ST7LITEU05 ST7LITEU09
83/115
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
Figure 46. Typical IDD in run mode vs. internal
clock frequency and VDD
Figure 47. Typical IDD in WFI mode vs. internal
clock frequency and VDD
Figure 48. Typical IDD in SLOW, SLOW-WAIT
and Active-Halt mode vs VDD & int RC=8MHz
Figure 49. Idd vs temp @Vdd 5V & int RC=8MHz
Figure 50. Idd vs temp @Vdd 5V & int RC=4MHz
Figure 51. Idd vs temp @Vdd 5V & int RC=2MHz
Idd RUN mode @amb vs int clock freq
0.00
1.00
2.00
3.00
4.00
5.00
6.00
VDD [V]
RC 8 M Hz
RC 4 M Hz
RC 2 M Hz
AWU
Idd WFI mode @amb vs int RC freq
0.700
0.900
1.100
1.300
1.500
1.700
1.900
2.100
2.300
VDD [V]
8 MHz
4 MHz
2 MHz
Idd slow , slow w ait & acthalt mode,
int Rc 8Mhz@am b
0.700
0.800
0.900
1.000
1.100
1.200
1.300
1.400
VDD [V]
Slow
slow w ait
acthlt
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Temp [°C]
run
wfi
slow
slowwait
acthlt
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Temp [°C]
run
wfi
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Temp [°C]
run
wfi
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com