Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU05 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST7LITEU05
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU05 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST7LITEU05 Datasheet HTML 91Page - STMicroelectronics ST7LITEU05 Datasheet HTML 92Page - STMicroelectronics ST7LITEU05 Datasheet HTML 93Page - STMicroelectronics ST7LITEU05 Datasheet HTML 94Page - STMicroelectronics ST7LITEU05 Datasheet HTML 95Page - STMicroelectronics ST7LITEU05 Datasheet HTML 96Page - STMicroelectronics ST7LITEU05 Datasheet HTML 97Page - STMicroelectronics ST7LITEU05 Datasheet HTML 98Page - STMicroelectronics ST7LITEU05 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 115 page
background image
ST7LITEU05 ST7LITEU09
95/115
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 64. Typical VOL vs. VDD (HS pins)
Figure 65. Typical VDD-VOH vs. VDD (HS pins)
40
50
60
70
80
90
100
2.4
2.6 2.8
3
3.2
3.4 3.6
3.8
4
4.2 4.4
4.6
4.8
5
5.2
5.4
5.6 5.8
6
Vdd [V]
-45°C
25°C
90°C
130°C
100
150
200
250
300
350
400
450
500
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
Vdd [V]
-45°C
25°C
90°C
130°C
200
300
400
500
600
700
800
900
2.4
2.6 2.8
3
3.2
3.4
3.6 3.8
4
4.2
4.4
4.6 4.8
5
5.2
5.4
5.6 5.8
6
Vdd [V]
-45°C
25°C
90°C
130°C
40
60
80
100
120
140
160
180
200
2.4 2.6
2.8
3
3.2 3.4
3.6 3.8
4
4.2 4.4
4.6 4.8
5
5.2
5.4 5.6
5.8
6
Vdd [V]
-45°C
25°C
90°C
130°C
100
200
300
400
500
600
700
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
Vdd [V]
-45°C
25°C
90°C
130°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com