Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU05 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST7LITEU05
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU05 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST7LITEU05 Datasheet HTML 29Page - STMicroelectronics ST7LITEU05 Datasheet HTML 30Page - STMicroelectronics ST7LITEU05 Datasheet HTML 31Page - STMicroelectronics ST7LITEU05 Datasheet HTML 32Page - STMicroelectronics ST7LITEU05 Datasheet HTML 33Page - STMicroelectronics ST7LITEU05 Datasheet HTML 34Page - STMicroelectronics ST7LITEU05 Datasheet HTML 35Page - STMicroelectronics ST7LITEU05 Datasheet HTML 36Page - STMicroelectronics ST7LITEU05 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 115 page
background image
ST7LITEU05 ST7LITEU09
33/115
INTERRUPTS (Cont’d)
EXTERNAL INTERRUPT CONTROL REGISTER
1 (EICR1)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = Reserved
Bits 5:4 = IS2[1:0] ei2 sensitivity
These bits define the interrupt sensitivity for ei2
according to Table 11.
Bits 3:2 = IS1[1:0] ei1 sensitivity
These bits define the interrupt sensitivity for ei1
according to Table 11.
Bits 1:0 = IS0[1:0] ei0 sensitivity
These bits define the interrupt sensitivity for ei0
according to Table 11.
Notes:
1. These 8 bits can be written only when the I bit in
the CC register is set.
2. Changing the sensitivity of a particular external
interrupt clears this pending interrupt. This can be
used to clear unwanted pending interrupts. Refer
to section “External interrupt function” on page 47.
3. Whatever the sensitivity configuration , ei2 can-
not exit the MCU from HALT, ACTIVE-HALT and
AWUFH modes when a falling edge occurs.
Table 11. Interrupt Sensitivity Bits
EXTERNAL INTERRUPT CONTROL REGISTER
2 (EICR2)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:4 = Reserved
Bits 3:2 = IS4[1:0] ei4 sensitivity
These bits define the interrupt sensitivity for ei1
according to Table 11.
Bits 1:0 = IS3[1:0] ei3 sensitivity
These bits define the interrupt sensitivity for ei0
according to Table 11.
Notes:
1. These 8 bits can be written only when the I bit in
the CC register is set.
2. Changing the sensitivity of a particular external
interrupt clears this pending interrupt. This can be
used to clear unwanted pending interrupts. Refer
to section “External interrupt function” on page 47.
3. IS4[1:0] = 01 is the only safe configuration to
avoid spurious interrupt in HALT and AWUFH
modes.
70
0
0
IS21
IS20
IS11
IS10
IS01
IS00
ISx1 ISx0
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
70
0000
IS41
IS40
IS31
IS30
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com