Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU05 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST7LITEU05
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU05 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST7LITEU05 Datasheet HTML 77Page - STMicroelectronics ST7LITEU05 Datasheet HTML 78Page - STMicroelectronics ST7LITEU05 Datasheet HTML 79Page - STMicroelectronics ST7LITEU05 Datasheet HTML 80Page - STMicroelectronics ST7LITEU05 Datasheet HTML 81Page - STMicroelectronics ST7LITEU05 Datasheet HTML 82Page - STMicroelectronics ST7LITEU05 Datasheet HTML 83Page - STMicroelectronics ST7LITEU05 Datasheet HTML 84Page - STMicroelectronics ST7LITEU05 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 115 page
background image
ST7LITEU05 ST7LITEU09
81/115
13.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode for which the clock
is stopped). Refer to Section 13.4.2 Internal RC
oscillator supply characteristics.
13.4.1 Supply Current
TA = -40 to +125°C unless otherwise specified
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals
in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
2. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN)
driven by external square wave, LVD disabled.
3. SLOW mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or
VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
4. SLOW-WAIT mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at
VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
5. All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max. and fCPU
max.
6. This consumption refers to the Halt period only and not the associated run period which is software dependent.
7. All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on characterization results,
tested in production at VDD max and fCPU max.
8. Data based on characterization, not tested in production.
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in RUN mode 1)
fCPU = 4 MHz
2.5
4.58)
mA
fCPU = 8 MHz
5.0
7.5
Supply current in WAIT mode 2)
fCPU = 4 MHz
0.85
2.08)
fCPU = 8 MHz
1.2
3.5
Supply current in SLOW mode 3)
fCPU/32 = 250 kHz
600
950
µA
Supply current in SLOW-WAIT mode 4)
fCPU/32 = 250 kHz
450
750
Supply current in AWUFH mode 5)6)
45
1008)
Supply current in ACTIVE HALT mode
100
250
Supply current in HALT mode 7)
TA=85°C
0.5
3.0
TA=125°C
0.5
5.0
Supply current in RUN mode 1)
fCPU = 4 MHz
1.30
2.0 8)
mA
Supply current in WAIT mode 2)
fCPU = 4 MHz
0.36
0.5 8)
Supply current in SLOW mode 3)
fCPU/32 = 250 kHz
300
4008)
µA
Supply current in SLOW-WAIT mode 4)
fCPU/32 = 250 kHz
250
3508)
Supply current in AWUFH mode 5)6)
20
50 8)
Supply current in ACTIVE HALT mode
90
1508)
Supply current in HALT mode 7)
TA=85°C
0.25
2.5 8)
TA=125°C
0.25
4.5 8)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com