Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU05 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST7LITEU05
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU05 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST7LITEU05 Datasheet HTML 21Page - STMicroelectronics ST7LITEU05 Datasheet HTML 22Page - STMicroelectronics ST7LITEU05 Datasheet HTML 23Page - STMicroelectronics ST7LITEU05 Datasheet HTML 24Page - STMicroelectronics ST7LITEU05 Datasheet HTML 25Page - STMicroelectronics ST7LITEU05 Datasheet HTML 26Page - STMicroelectronics ST7LITEU05 Datasheet HTML 27Page - STMicroelectronics ST7LITEU05 Datasheet HTML 28Page - STMicroelectronics ST7LITEU05 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 115 page
background image
ST7LITEU05 ST7LITEU09
25/115
REGISTER DESCRIPTION (Cont’d)
AVD THRESHOLD SELECTION REGISTER
(AVDTHCR)
Read/Write
Reset Value: 0000 0011 (03h)
Bits 7:5 = CK[2:0] internal RC Prescaler Selection
These bits are set by software and cleared by
hardware after a reset. These bits select the pres-
caler of the internal RC oscillator. See Figure 14
on page 26 and the following table and note:
Table 6. Internal RC Prescaler Selection bits
Note: If the internal RC is used with a supply oper-
ating range below 3.3V, a division ratio of at least 2
must be enabled in the RC prescaler.
Bits 4:2 = Reserved, must be kept cleared.
Bits 1:0 = AVD Threshold Selection bits. Refer to
Section 8.4 SYSTEM INTEGRITY MANAGE-
MENT (SI).
CLOCK
CONTROLLER
CONTROL/STATUS
REGISTER (CKCNTCSR)
Read/Write
Reset Value: 0000 1001 (09h)
Bits 7:4 = Reserved, must be kept cleared.
Bit 3 = AWU_FLAG AWU Selection
This bit is set and cleared by hardware
0: No switch from AWU to RC requested
1: AWU clock activated and temporization com-
pleted
Bit 2 = RC_FLAG RC Selection
This bit is set and cleared by hardware
0: No switch from RC to AWU requested
1: RC clock activated and temporization complet-
ed
Bit 1 = Reserved, must be kept cleared.
Bit 0 = RC/AWU RC/AWU Selection
0: RC enabled
1: AWU enabled (default value)
Table 7. Clock Register Map and Reset Values
70
CK2 CK1 CK0
0
0
0
AVD1 AVD0
CK2 CK1 CK0
fOSC
00
1
fRC/2
01
0
fRC/4
01
1
fRC/8
10
0
fRC/16
others
fRC
70
00
00
AWU_
FLAG
RC_
FLAG
0
RC/
AWU
Address
(Hex.)
Register
Label
76
54
3
2
1
0
0038h
MCCSR
Reset Value
-
0
-
0
-
0
-
0
-
0
-
0
MCO
0
SMS
0
0039h
RCCR
Reset Value
CR9
1
CR8
1
CR7
1
CR6
1
CR5
1
CR4
1
CR3
1
CR2
1
003Ah
SICSR
Reset Value
-
0
CR1
0
CR0
0
-
0
-
0
LVDRF
x
AVDF
0
AVDIE
0
003Eh
AVDTHCR
Reset Value
CK2
0
CK1
0
CK0
0
-
0
-
0
-
0
AVD1
1
AVD2
1
003Fh
CKCNTCSR
Reset Value
-
0
-
0
-
0
-
0
AWU_FLAG
1
RC_FLAG
0
-
0
RC/AWU
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com