Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU05 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST7LITEU05
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU05 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST7LITEU05 Datasheet HTML 101Page - STMicroelectronics ST7LITEU05 Datasheet HTML 102Page - STMicroelectronics ST7LITEU05 Datasheet HTML 103Page - STMicroelectronics ST7LITEU05 Datasheet HTML 104Page - STMicroelectronics ST7LITEU05 Datasheet HTML 105Page - STMicroelectronics ST7LITEU05 Datasheet HTML 106Page - STMicroelectronics ST7LITEU05 Datasheet HTML 107Page - STMicroelectronics ST7LITEU05 Datasheet HTML 108Page - STMicroelectronics ST7LITEU05 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 115 page
background image
ST7LITEU05 ST7LITEU09
105/115
15 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (FASTROM).
ST7PLITEU05 and ST7PLITEU09 devices are
Factory Advanced Service Technique ROM (FAS-
TROM) versions: they are factory-programmed
XFlash devices.
ST7FLITEU05 and ST7FLITEU09 XFlash devices
are shipped to customers with a default program
memory content (FFh).
The FASTROM factory coded parts contain the
code supplied by the customer. This implies that
FLASH devices have to be configured by the cus-
tomer using the Option Bytes while the FASTROM
devices are factory-configured.
15.1 OPTION BYTES
The two option bytes allow the hardware configu-
ration of the microcontroller to be selected.
The option bytes can be accessed only in pro-
gramming mode (for example using a standard
ST7 programming tool).
OPTION BYTE 1
Bits 7:6 = CKSEL[1:0] Start-up clock selection.
This bit is used to select the startup frequency. By
default, the Internal RC is selected.
Bit 5 = Reserved, must always be 1.
Bit 4 = Reserved, must always be 0.
Bits 3:2 = LVD[1:0] Low Voltage Detection selec-
tion
These option bits enable the LVD block with a se-
lected threshold as shown in Table 26.
Table 26. LVD Threshold Configuration
Bit 1 = WDG SW Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
Bit 0 = WDG HALT Watchdog Reset on Halt
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPTION BYTE 0
Bits 7:4 = Reserved, must always be set.
Bits 3:2 = SEC[1:0] Sector 0 size definition
This option bit indicates the size of sector 0 ac-
cording to the following table.
Bit 1 = FMP_R Read-out protection
Readout protection, when selected provides a pro-
tection against program memory content extrac-
tion and against write access to Flash memory.
Erasing the option bytes when the FMP_R option
is selected will cause the whole memory to be
erased first, and the device can be reprogrammed.
Refer to Section 4.5 and the ST7 Flash Program-
ming Reference Manual for more details.
0: Read-out protection off
1: Read-out protection on
Bit 0 = FMP_W FLASH write protection
This option indicates if the FLASH program mem-
ory is write protected.
Warning: When this option is selected, the pro-
gram memory (and the option bit itself) can never
be erased or programmed again.
0: Write protection off
1: Write protection on
Configuration
CKSEL1 CKSEL0
Internal RC as Startup Clock
0
0
AWU RC as a Startup Clock
0
1
Reserved
1
0
External Clock on pin PA5
1
1
Configuration
LVD1 LVD0
LVD Off
1
1
Highest Voltage Threshold
1
0
Medium Voltage Threshold
0
1
Lowest Voltage Threshold
0
0
Sector 0 Size
SEC0
SEC1
0.5K
00
1K
01
2K
1-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com