Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF2131
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
6.1.3 Using PCF2131-ARD with i.MX 8M Mini LPDDR4 EVK board
When an i.MX 8M Mini LPDDR4 EVK board is used with the PCF2131-ARD board,
a third board (IMX8MMINI-IARD interposer board) must be used, designed and built
as an EVK – daughterboard interconnection. The EVK board i.MX 8M Mini LPDDR4
is not equipped with an Arduino port; instead it has a 2 x 20 pin expansion connector
(J1003, see i.MX 8M Mini LPDDR4 EVK user manual). J1003 is a multipurpose port,
containing various digital I/O lines, including specialized I2C and SPI buses. Starting from
the expansion connector pin chart, an Arduino port interposer board was developed, with
the role of signal-to-signal bridge between the 2 x 20 connector pins on the i.MX 8M Mini
LPDDR4 EVK and the mated connectors of the Arduino port present on the PCF2131-
ARD daughterboard.
To operate the setup, along with the EVK and the daughterboard, a third board must be
included in the setup assembly. Figure 12 shows the necessary boards and how these
boards are connected. The configuration consists of:
• One i.MX 8M Mini LPDDR4 EVK board
• One PCF2131-ARD daughterboard
• One IMX8MMINI-IARD interposer board
• One USB-A / USB-C cable
• One USB-A / USB Micro-B cable
• A PC with Windows 10 operating system
It is recommended to attach the PCF2131-ARD to the Arduino connectors of the
IMX8MMINI-IARD interposer board first, and then the resulting assembly to the i.MX 8M
Mini LPDDR4 EVK. This can be done by plugging J1 connector located on the interposer
board to J1003 connector on the EVK.
To power-up the EVK, a USB-C type cable connected to PORT 2 of the EVK is used.
The power switch SW101 on the EVK board must be set to ON position to power-up
the setup. Data communication is achieved by routing a separate USB (Micro-B type)
cable from a USB port on the PC to debug port (J901) on the EVK (see Figure 12 and
Figure 13).
Details regarding power-up and operation of the setup assembly can be found in the
8MMINILPDDR4-EVK user manual and IMX8MMINI-IARD User Manual. The files can be
downloaded from www.nxp.com/.
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
19 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com