Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF2131
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF2131 Datasheet HTML 1Page - NXP Semiconductors PCF2131 Datasheet HTML 2Page - NXP Semiconductors PCF2131 Datasheet HTML 3Page - NXP Semiconductors PCF2131 Datasheet HTML 4Page - NXP Semiconductors PCF2131 Datasheet HTML 5Page - NXP Semiconductors PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
1 Introduction
This document describes the PCF2131-ARD evaluation board. The evaluation board
is built around the PCF2131TF IC, a CMOS Real-Time Clock (RTC) and calendar with
an integrated Temperature Compensated Crystal Oscillator (TCXO) and a 32.768 kHz
quartz crystal optimized for very high accuracy and ultra-low power consumption. The
PCF2131TF has a selectable I2C-bus or SPI-bus, a backup battery switch-over circuit, a
programmable watchdog function, four timestamps function, and other features. For more
details see the PCF2131TF datasheet. The PCF2131-ARD works as a daughtercard
which can be connected through an Arduino port to various Arduino compatible (including
original Arduino UNO R3) boards. Alternatively, the board can be connected through a
dedicated connector to an Aardvark USB to I2C/SPI host adapter, allowing for rapid tests
of the DUT IC. The board is equipped with a battery holder and an adjustable voltage
regulator, allowing the user to test the RTC over the entire range of power supply voltage,
and the battery switch-over circuit.
The evaluation board is intended to test and evaluate all characteristics of the silicon,
such as I2C/SPI communication, power management, battery backup, timestamps,
interrupts, and other internal features of the PCF2131 RTC.
Additionally, the daughterboard has software support and a graphical user interface
(Windows platform) for the following NXP evaluation boards: IMXRT1050 EVK Board,
LPCXpresso55S69 Development Board and i.MX 8M Mini LPDDR4 EVK Board. All three
evaluation boards contain Arduino ports, allowing the user to attach and operate from the
GUI the PCF2131-ARD daughterboard.
2 Finding kit resources and information on the NXP web site
NXP Semiconductors provides online resources for evaluation board and its supported
device(s) on http://www.nxp.com.
The information page for the PCF2131-ARD evaluation board is at http://www.nxp.com/
PCF2131-ARD. The information page provides overview information, documentation,
software and tools, parametrics, ordering information and a
Getting Started tab.
The Getting Started tab provides quick-reference information applicable to using the
PCF2131-ARD evaluation board, including the downloadable assets referenced in this
document.
2.1 Collaborate in the NXP community
The NXP community is for sharing ideas and tips, ask and answer technical questions,
and receive input on just about any embedded design topic.
The NXP community is at http://community.nxp.com.
3 Getting ready
Working with the PCF2131-ARD evaluation board requires the kit contents, additional
hardware, and a Windows PC workstation with installed software.
3.1 Kit contents
• Assembled and tested evaluation board in an antistatic bag
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
4 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com