Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2131
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 5Page - NXP Semiconductors PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
Signal
Active
J4.1 – I2C_SCL
J4.3 – I2C_SDA
J4.7 – INTB
J4.9 – INTA
J12.1 – INTA
J12.2 – INTB
J12.9 – I2C_SDA
J12.10 – I2C_SCL
J4.1 – INTB
J4.3 – INTA
J4.5 – SPI_MISO
J4.7 – SPI_SCK
J4.8 – SPI_MOSI
J4.9 – SPI_CE
J12.1 – INTA
J12.2 – INTB
J12.3 – SPI_CE
J12.4 – SPI_MOSI
J12.5 – SPI_MISO
J12.6 – SPI_SCK
Table 2. I2C/SPI bus selection...continued
4.6 Aardvark header
Wire label
J5
Wire label
I2C_SCL
1
2
GND
I2C_SDA
3
4
NC
SPI_MISO
5
6
NC
SPI_SCK
7
8
SPI_MOSI
SPI_CE
9
10
GND
Table 3.  J4 (Aardvark header) pin chart
The PCF2131-ARD daughtercard contains a dedicated header (J4) for direct connection
with an Aardvark I2C/SPI Host Adapter. Table 3 depicts the pin chart of the Aardvark
header. For more details, see the Aardvark I2C / SPI Host Adapter from Total Phase
(www.totalphase.com).
When an external interface cable (Aardvark or Promira) is used on J4, depending on the
interface selected, user should also place jumpers across all pins on either J1 (I2C) or J2
(SPI). The user must be sure the board is properly powered, and the Arduino interface
is not used, to avoid signal conflicts. INTA and INTB signals are routed to the other
interface pins that should be repurposed as GPIO functions.
However, when using the Arduino connector, there are two dedicated pins already
assigned for INTA (J12.1) and INTB (J12.2). It is not necessary to close the jumpers
across 11&12 and 13&14 on J1 or J2 to route interrupt signals to the other interface pins.
4.7 Timestamp connector and toggle switches
Figure 3 depicts the timestamp section of the PCF2131-ARD schematic diagram. The
four dedicated inputs for timestamp (TS) of the DUT are pins 8 to 11. On the TS inputs,
toggle switches SW1 to SW4 are connected. Simultaneously, the inputs are linked to J10
connector, so that the user can use either on-board switches or external devices for the
timestamp test.
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
9 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com