Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2131
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2131 Datasheet HTML 1Page - NXP Semiconductors PCF2131 Datasheet HTML 2Page - NXP Semiconductors PCF2131 Datasheet HTML 3Page - NXP Semiconductors PCF2131 Datasheet HTML 4Page - NXP Semiconductors PCF2131 Datasheet HTML 5Page - NXP Semiconductors PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
• Quick Start Guide
3.2 Assumptions
Familiarity with the I2C and SPI bus is helpful but not required.
3.3 Static handling requirements
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care
should be taken during transport and handling. You must use a ground strap
or touch the PC case or other grounded source before unpacking or handling
the hardware.
3.4 Minimum system requirements
This evaluation board requires a Windows PC workstation. Meeting these minimum
specifications should produce great results when working with this evaluation board.
• Computer with Windows 10
• One USB port (either 3.0 or 2.0 or 1.1 compatible)
• One of three EVK boards (MIMXRT1050-EVK, LPC55S69-EVK, 8MMINILPD4-EVK)
along with the associated firmware / GUI software
• USB cable for power and data connection between PC and EVK board (if not included
in the EVK package)
4 Getting to know the hardware
4.1 PCF2131-ARD evaluation board features
• Equipped with Arduino Uno R3 port for direct connection with Arduino devices
• On-board header for direct connection to Aardvark I2C/SPI Host Adapter
• Adjustable power supply for complex tests and verification
• On-board battery holder for battery switch-over circuit test
• On-board jumpers for I2C-bus or SPI-bus selection
• On-board connector and switches for timestamp function tests
• Fully compliant with IMXRT1050 EVK board, including GUI (Windows 10)
• Fully compliant with LPCXpresso55S69 development board, including GUI (Windows
10)
• Compliant with i.MX Mini LPDDR4 EVK board, including GUI (Windows 10)
Note: For i.MX Mini LPDDR4 EVK Board it is necessary to use an IMX8MMINI-IARD
interposer board between the EVK and PCF2131-ARD daughterboard (see UM11612
IMX8MMINI-IARD User Manual).
4.2 Kit featured components
Figure 1 identifies the main components on the board. The main elements are called out
in the picture. The Arduino port connectors (J6, J7, J11, J12) are located on the bottom
side of the board.
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
5 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com