Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2131
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
aaa-043565
PCFVDD
VBBS
VDD_3V3
SW4
PTS815
1
4
2
3
SW1
PTS815
1
4
2
3
J15
HDR_2X4
2
4
6
8
CLKOUT
6
TS1
8
TS2 9
TS3
10
TS4
11
BBS
14
VDD 15
VBAT
16
C1
0.1uF
SW3
PTS815
1
4
2
3
J10
HDR 2X5
1
2
3
4
6
5
7
8
9
10
SW2
PTS815
1
4
2
3
C2
0.1uF
PCFVDD
PCFBAT
VBBS
TS1
TS2
TS3
TS4
CLKOUT
TS1
TS2
TS3
TS4
Figure 3. PCF2131-ARD daughterboard, time stamp section
4.8 Power supply
Figure 4 represents the J9 section of the PCF2131-ARD schematic diagram.
aaa-043566
VBBS
VDD_3V3
VDD_3V3
PCFVDD
R5
330 OHM
BT1
HU2032-LF
2
1
3
C4
0.1uF
J9
HDR 2X5
1
1
1
2
3
4
6
5
5
7
8
9
10
C3
47uF
VBBS
PCFVDD
PCFBAT
PCFVDD
7
C3
47uF
R5
330 OHM 1
1
8
6
Figure 4. PCF2131-ARD daughterboard, J9 section; RC filter detail
J9 has several functions to configure the power rails feeding into PCX2131TF
1. Battery power (VBAT) connection:
When the evaluation board is provided, VBAT pin is grounded with a jumper placed
across J9.1&2. After interface selection (by placing jumpers on J1 or J2), user can
move this jumper to J9.3&4 to connect battery power to VBAT pin.
2. VDD connection:
User can evaluate to have a R/C filter placed before the VDD pin, or bypass the R/C
filter and directly feed VDD_3V3 to VDD pin.
By default, the R/C filter is recommended, and jumpers are placed across J9.6&8,
J9.5&7. The overall circuit is illustrated Figure 5.
To bypass the R/C filter, place a jumper across J9.5&6.
To measure current consumption, remove the jumper across J9.5&7, and place a
current meter across these two pins.
In some cases, the interface dongle itself can provide its own pullup resistors. If a
dongle is used with this EVM on J4, PCX2131TF could be powered through the
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
10 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com