Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2131
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
5. Connect power and host controller
a. Apply 5V power to J5 using a micro USB cable and plug in Aardvark/Promira/FTDI
host controller cable to J4.
(Note: Make sure 5V supply is plugged in before
connecting the host controller cable).
b. Or Plug J11 and J12 into a microcontroller’s Arduino headers and supply the
microcontroller kit with USB power through the PC.
Figure 7. PCF2131-ARD daughterboard, initial hardware setup
6.1.1 Using PCF2131-ARD with IMXRT1050 EVK board
Figure 8 shows the required hardware for operation of the PCF2131-ARD daughterboard
with IMXRT1050 EVK. The following items are necessary:
• One IMXRT1050-EVK board
• One PCF2131-ARD daughterboard
• One USB-A / USB Micro-B cable
• A PC with Windows 10 operating system
The IMXRT1050 EVK motherboard can be powered by one of three methods:
1. Connecting an external 5VDC power supply to the barrel power connector (J2) on the
board
2. Connecting a USB cable from the PC to the Micro-B USB connector (J9) on the board
3. Connecting a USB cable from the PC to the USB connector (J28) on the board. When
the PC is connected in this fashion, the USB port can simultaneously act as a debug
interface. Therefore, by using a single USB cable connected to J28, the EVK can be
powered and at the same time linked to the PC for data exchange.
The older USB ports (from PC) are not able to deliver the necessary current (500mA);
before establishing the communication, use an external power supply (connected to J2).
From J1 on the EVK board (see Figure 6) the user can select the power configuration
for the motherboard. For further details, download the IMXRT1050 EVK Board Hardware
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
13 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com