Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF85263ATT1/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF85263ATT1/A Datasheet HTML 3Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 4Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 5Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 6Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 7Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 8Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 9Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 10Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
:
Time registers
:
:
Alarm registers
:
Offset register
RAM byte
Watchdog
Stop and reset
:
Timestamp registers
:
:
Function setting
:
00h
07h
:
08h
10h
:
11h
23h
:
25h
2Bh
:
24h
2Ch
2Dh
2Eh
2Fh
aaa-009114
Figure 8. Register map
The 100th seconds, seconds, minutes, hours, days, months, and years as well as the
corresponding alarm registers are all coded in Binary Coded Decimal (BCD) format.
When one of the RTC registers is read, the contents of all time counters are frozen.
Therefore, faulty reading of the clock and calendar during a carry condition is prevented.
7.1 Registers organization overview
7.1.1 Time mode registers
The PCF85263A has two time mode register sets, one for the real-time clock mode and
one for the stopwatch clock mode. The access to these registers can be switched by the
RTCM bit in the Function control register (28h), see Table 6 and Table 53.
RTCM
real-time clock mode
register set
stopwatch mode
register set
1
0
aaa-009600
Figure 9. Time mode register set selection
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
7 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com