Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF85263ATT1/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/A Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF85263ATT1/A Datasheet HTML 1Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 2Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 3Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 4Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 5Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 6Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 7Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 8Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery
switch-over, time stamp input, and I2C-bus
Rev. 5 — 1 February 2021
Product data sheet
1 General description
The PCF85263A is a CMOS 1 Real-Time Clock (RTC) and calendar optimized for low
power consumption and with automatic switching to battery on main power loss. The
RTC can also be configured as a stop-watch (elapsed time counter). Three time log
registers triggered from battery switch-over as well as input driven events. Featuring
clock output and two independent interrupt signals, two alarms, I2C-bus interface and
quartz crystal calibration.
For a selection of NXP Real-Time Clocks, see Table 71
2 Features and benefits
• UL Recognized Component (PCF85263ATL)
• Provides year, month, day, weekday, hours, minutes, seconds and 100th seconds
based on a 32.768 kHz quartz crystal
• Stop-watch mode for elapsed time counting. From 100th seconds to 999 999 hours
• Two independent alarms
• Battery back-up circuit
• WatchDog timer
• Three timestamp registers
• Two independent interrupt generators plus predefined interrupts at every second,
minute, or hour
• Frequency adjustment via programmable offset register
• Clock operating voltage: 0.9 V to 5.5 V
• Low current; typical 0.28 μA at VDD = 3.0 V and Tamb = 25 °C
• 400 kHz two-line I2C-bus interface (at VDD = 1.8 V to 5.5 V)
• Programmable clock output for peripheral devices (32.768 kHz, 16.384 kHz, 8.192 kHz,
4.096 kHz, 2.048 kHz, 1.024 kHz, and 1 Hz)
• Configurable oscillator circuit for a wide variety of quartzes: CL = 6 pF, CL = 7 pF, and
CL = 12.5 pF
• Packages offered: SI8, TSSOP8, TSSOP10, HXSON10 and WLCSP12
3 Applications
• Printers and copiers
• Electronic metering
• Digital cameras
• White goods
• Elapsed time counter
1
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 23.


Similar Part No. - PCF85263ATT1/A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85263ATT1/A NXP-PCF85263ATT1/A Datasheet
786Kb / 100P
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Rev. 4.1 - 27 November 2015
PCF85263ATT1/A NXP-PCF85263ATT1/A Datasheet
1Mb / 102P
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
Rev. 5.4 - 12 December 2025
PCF85263ATT1/AJ NXP-PCF85263ATT1/AJ Datasheet
786Kb / 100P
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Rev. 4.1 - 27 November 2015
PCF85263ATT1/AJ NXP-PCF85263ATT1/AJ Datasheet
1Mb / 102P
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
Rev. 5.4 - 12 December 2025
PCF85263ATT1/AZ NXP-PCF85263ATT1/AZ Datasheet
1Mb / 102P
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
Rev. 5.4 - 12 December 2025
More results

Similar Description - PCF85263ATT1/A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
Real-Time Clock/Calendar with I2C Bus and EEPROM
August 13, 2008
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
December 16, 2010
logo
NXP Semiconductors
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCF85063BTL NXP-PCF85063BTL Datasheet
533Kb / 53P
Tiny Real-Time Clock/calendar with alarm function and SPI-bus
Rev. 2-15 April 2013
PCF85063TP NXP-PCF85063TP Datasheet
430Kb / 46P
Tiny Real-Time Clock/calendar
Rev. 2-15 April 2013
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF85363A NXP-PCF85363A Datasheet
966Kb / 86P
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
Rev. 3.1 ??18 June 2021
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com