Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/A Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF85263ATT1/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF85263ATT1/A Datasheet HTML 8Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 9Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 10Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 11Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 12Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 13Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 14Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 15Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
ground. The oscillator is considered to be stopped during the time between power-on and
stable crystal resonance. This time can be in the range of 200 ms to 2 s depending on
crystal type, temperature, and supply voltage.
The status bit remains set until cleared by command (see Figure 10). If the bit cannot
be cleared, then the oscillator is not running. This method can be used to monitor the
oscillator and to determine if the supply voltage has reduced to the point where oscillation
fails.
aaa-009576
t
OS = 1 and bit can not be cleared
VDD
oscillation
oscillation now stable
OS bit cleared
by software
OS bit set when
oscillation stops
OS flag
OS = 1 and bit can be cleared
Figure 10. OS status bit
7.2.3 EMON: event monitor
The EMON can be used to monitor the status of all the flags in the Flags register, see
Section 7.14. When one or more of the flags is set, then the EMON bit returns a logic 1.
The EMON bit cannot be cleared. EMON returns a logic 0 when all flags are cleared.
See Figure 23 for a pictorial representation.
7.2.4 Definition of weekdays
Definition may be reassigned by the user.
Bit
Day
2
1
0
Sunday
0
0
0
Monday
0
0
1
Tuesday
0
1
0
Wednesday
0
1
1
Thursday
1
0
0
Friday
1
0
1
Saturday
1
1
0
Table 9. Weekday assignments
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
12 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com