Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/A Datasheet(PDF) 89 Page - NXP Semiconductors

Part # PCF85263ATT1/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/A Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button PCF85263ATT1/A Datasheet HTML 84Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 85Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 86Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 87Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 88Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 89Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 90Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 91Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 92Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Tables
Tab. 1.
Ordering information ..........................................2
Tab. 2.
Ordering options ................................................2
Tab. 3.
Pin description ...................................................5
Tab. 4.
RTC mode time registers .................................. 8
Tab. 5.
Stop-watch mode time registers ........................9
Tab. 6.
Control and function registers overview .......... 10
Tab. 7.
Time and date registers in RTC mode
(RTCM = 0) .....................................................11
Tab. 8.
BCD coding .....................................................11
Tab. 9.
Weekday assignments .................................... 12
Tab. 10. Month assignments in BCD format ..................13
Tab. 11. Time registers in stop-watch mode (RTCM
= 1) ..................................................................14
Tab. 12. Alarm1 and alarm2 registers in RTC mode
coded in BCD (RTCM = 0) ..............................16
Tab. 13. Alarm_enables- alarm enable control
register (address 10h) bit description .............. 17
Tab. 14. Alarm1 and alarm2 registers in stop-watch
mode coded in BCD (RTCM = 1) ....................20
Tab. 15. Alarm_enables- alarm enable control
register (address 10h) bit description .............. 20
Tab. 16. WatchDog - WatchDog control and register
(address 2Dh) bit description .......................... 23
Tab. 17. WatchDog durations ........................................23
Tab. 18. RAM_byte - 8-bit RAM register (address
2Ch) bit description ......................................... 25
Tab. 19. TSR_mode - timestamp mode control
register (address 23h) bit description .............. 26
Tab. 20. Timestamp registers in RTC mode (RTCM
= 0) ..................................................................28
Tab. 21. Timestamp registers in stop-watch mode
(RTCM = 1) .....................................................29
Tab. 22. Offset - offset register (address 24h) bit
description ....................................................... 30
Tab. 23. OFFM bit - oscillator control register
(address 25h) .................................................. 30
Tab. 24. Offset values ................................................... 31
Tab. 25. Correction pulses for OFFM = 0 ......................31
Tab. 26. Correction pulses for OFFM = 1 ......................32
Tab. 27. INTA and INTB interrupt control bits ................34
Tab. 28. Definition of interrupt control bits .....................34
Tab. 29. Oscillator - oscillator control register
(address 25h) bit description ...........................38
Tab. 30. CLKIV bit - oscillator control register
(address 25h) .................................................. 38
Tab. 31. 12_24 bit - oscillator control register
(address 25h) .................................................. 38
Tab. 32. LOWJ bit - oscillator control register
(address 25h) .................................................. 38
Tab. 33. OSCD[1:0] bits - oscillator control register
(address 25h) .................................................. 39
Tab. 34. CL[1:0] bits - oscillator control register
(address 25h) .................................................. 39
Tab. 35. IO pin behavior in battery mode ......................40
Tab. 36. Battery_switch - battery switch control
(address 26h) bit description ...........................40
Tab. 37. BSOFF bit - battery switch control (address
26h) bit description ..........................................40
Tab. 38. BSRR bit - battery switch control (address
26h) bit description ..........................................41
Tab. 39. BSM[1:0] bits - battery switch control
(address 26h) bit description ...........................41
Tab. 40. Battery switch-over modes ..............................41
Tab. 41. BSTH - battery switch control (address
26h) bit description ..........................................45
Tab. 42. Pin_IO- pin input output control register
(address 27h) bit description ...........................45
Tab. 43. CLKPM bit - Pin_IO control register
(address 27h) .................................................. 45
Tab. 44. TSPULL bit - Pin_IO control register
(address 27h) .................................................. 46
Tab. 45. TSL bit - Pin_IO control register (address
27h) ................................................................. 46
Tab. 46. TSPM[1:0] bits - Pin_IO control register
(address 27h) .................................................. 46
Tab. 47. TSIM bit - Pin_IO control register (address
27h) ................................................................. 47
Tab. 48. INTAPM[1:0] bits - Pin_IO control register
(address 27h) .................................................. 48
Tab. 49. INTA battery mode .......................................... 49
Tab. 50. Function - chip function control register
(address 28h) bit description ...........................49
Tab. 51. 100TH bit - Function control register
(address 28h) .................................................. 49
Tab. 52. PI[1:0] bits - Function control register
(address 28h) .................................................. 49
Tab. 53. RTCM bit - Function control register
(address 28h) .................................................. 50
Tab. 54. RTC time counting modes ...............................50
Tab. 55. STOPM bit - Function control register
(address 28h) .................................................. 50
Tab. 56. Oscillator stop control when STOPM = 1 .........51
Tab. 57. COF[2:0] bits - Function control register
(address 28h) .................................................. 51
Tab. 58. Clock duty cycles ............................................ 52
Tab. 59. Flags - Flag status register (address 2Bh)
bit description .................................................. 52
Tab. 60. Reset - software reset control (address
2Fh) bit description ......................................... 53
Tab. 61. Registers reset values .....................................54
Tab. 62. Stop_enable - control of STOP bit (address
2Eh) .................................................................56
Tab. 63. Counter stop signal ......................................... 56
Tab. 64. I2C slave address byte ................................... 60
Tab. 65. Application configuration ................................. 61
Tab. 66. Limiting values ................................................ 64
Tab. 67. Characteristics .................................................64
Tab. 68. I2C-bus characteristics ....................................69
Tab. 69. SnPb eutectic process (from J-STD-020D) ..... 79
Tab. 70. Lead-free process (from J-STD-020D) ............79
Tab. 71. Selection of Real-Time Clocks ........................ 84
Tab. 72. Abbreviations ...................................................84
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
89 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com