Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF85263ATT1/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF85263ATT1/A Datasheet HTML 6Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 7Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 8Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 9Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 10Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 11Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 12Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 13Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Bit positions labeled as - are not implemented. After reset, all registers are set according to Table 61.
Bit
Address
Register name
7
6
5
4
3
2
1
0
Reference
21h
TSR3_hr_00_xx_xx
TSR3_HR_00_XX_XX (0 to 99)
22h
not used
-
-
-
-
-
-
-
-
Stop-watch timestamp mode control
23h
TSR_mode
TSR3M[1:0]
-
TSR2M[2:0]
TSR1M[1:0]
Section 7.7
Table 5. Stop-watch mode time registers...continued
7.1.2 Control registers overview
Bit positions labeled as - are not implemented. After reset, all registers are set according to Table 61.
Bit
Address
Register name
7
6
5
4
3
2
1
0
Reference
Offset register
24h
Offset
OFFSET[7:0]
Section 7.8
Control registers
25h
Oscillator
CLKIV
OFFM
12_24
LOWJ
OSCD[1:0]
CL[1:0]
Section 7.10
26h
Battery_switch
-
-
-
BSOFF
BSRR
BSM[1:0]
BSTH
Section 7.11
27h
Pin_IO
CLKPM
TSPULL
TSL
TSIM
TSPM[1:0]
INTAPM[1:0]
Section 7.12
28h
Function
100TH
PI[1:0]
RTCM
STOPM
COF[2:0]
Section 7.13
29h
INTA_enable
ILPA
PIEA
OIEA
A1IEA
A2IEA
TSRIEA
BSIEA
WDIEA
Section 7.9
2Ah
INTB_enable
ILPB
PIEB
OIEB
A1IEB
A2IEB
TSRIEB
BSIEB
WDIEB
Section 7.9
2Bh
Flags
PIF
A2F
A1F
WDF
BSF
TSR3F
TSR2F
TSR1F
Section 7.14
RAM byte
2Ch
RAM_byte
B[7:0]
Section 7.6
WatchDog registers
2Dh
WatchDog
WDM
WDR[4:0]
WDS[1:0]
Section 7.5
Stop
2Eh
Stop_enable
-
-
-
-
-
-
-
STOP
Section 7.16
Reset
2Fh
Resets
CPR
0
1
0
SR
1
0
CTS
Section 7.15
Table 6. Control and function registers overview
7.2 RTC mode time and date registers
RTC mode is enabled by setting RTCM = 0. These registers are coded in the BCD format
to simplify application use.
Default state is:
Time: 00:00:00.00
Date: 2000 01 01
Weekday: Saturday
Monitor bits: OS = 1, EMON = 0
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
10 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com