Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1/A Datasheet(PDF) 85 Page - NXP Semiconductors

Part # PCF85263ATT1/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/A Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button PCF85263ATT1/A Datasheet HTML 81Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 82Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 83Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 84Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 85Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 86Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 87Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 88Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Acronym
Description
MSB
Most Significant Bit
MSL
Moisture Sensitivity Level
PCB
Printed-Circuit Board
POR
Power-On Reset
RTC
Real-Time Clock
SCL
Serial CLock line
SDA
Serial DAta line
SMD
Surface Mount Device
Table 72. Abbreviations...continued
24 References
[1] JESD22-A114 Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model
(HBM)
[2] JESD22-C101 Field-Induced Charged-Device Model Test Method for Electrostatic-
Discharge-Withstand Thresholds of Microelectronic Components
[3] JESD78 IC Latch-Up Test
[4] SOT96-1_118 SO8; Reel pack; SMD, 13", packing information
[5] SOT505-1_118 TSSOP8; Reel pack; SMD, 13", packing information
[6] SOT552-1_118 TSSOP10; Reel pack; SMD, 13", packing information
[7] SOT1197-1_115 DFN2626-10; Reel pack; SMD, 7", packing information
[8] UM10204 I2C-bus specification and user manual
[9] UM10569 Store and transport requirements
25 Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCF85263A v.5
20210201
Product data sheet
-
PCF85263A v.4.1
Modification:
• Added product type number PCF85263AUK
• Updated Section 4
PCF85263A v.4.1
20151127
Product data sheet
-
PCF85263A v.4
Modification:
• Correction of typo release date.
PCF85263A v.4
20151118
Product data sheet
-
PCF85263A v.3
Modifications:
• Updated Table 3 [1]
• Updated Table 58 [2]
• Table 67:
– Corrected VI min from VSS to -0.5 V
– Corrected VIL min from VSS to -0.5 V
– Corrected VIH max from VDD to 5.5 V
– Corrected [3]
– Added [4]
• Added text to Section 15
Table 73. Revision history
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
85 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com