Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CEU6-R Datasheet(PDF) 57 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CEU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CEU6-R Datasheet(HTML) 57 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CEU6-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 55Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 56Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 57Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 58Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 59Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 60Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 61Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
www.g eeh y.co m
Pag e 56
Avg_Slope(1)
Average slope
(VDD = 3.3V, TA = -40~105°C)
4.1
4.2
4.5
mV/ºC
V25
Voltage at 25ºC (VDD =2.4-3.6V)
1.38
1.41
1.44
V
tSTART(2)
Setup Time
4
10
μs
TS_temp(2) (3)
ADC sampling Time when reading the temperature
17.1
μs
(1)
Data is guaranteed by analysis on features, and is not tested in production.
(2)
Data is guaranteed from design, and is not tested in production.
(3)
The shortest sampling Time can be determined by the application through multiple
iterations.
Table 2. Temperature Sensor Features
Symbol
Parameters
Minimum
Value
Typical
Value
Maximum
Value
Unit
Avg_Slope(1)
Average slope
(VDD = 3.3V, TA = -40~105°C)
4.1
4.2
4.5
mV/ºC
V25
Voltage at 25ºC (VDD =2.4-3.6V)
1.38
1.41
1.44
V
tSTART(2)
Setup Time
4
10
μs
TS_temp(2) (3)
ADC sampling Time when reading the temperature
17.1
μs
(4)
Data is guaranteed by analysis on features, and is not tested in production.
(5)
Data is guaranteed from design, and is not tested in production.
(6)
The shortest sampling Time can be determined by the application through multiple
iterations.
Table 3. Temperature Sensor Features
Symbol
Parameters
Minimum
Value
Typical
Value
Maximum
Value
Unit
Avg_Slope(1)
Average slope
(VDD = 3.3V, TA = -40~105°C)
4.1
4.2
4.5
mV/ºC
V25
Voltage at 25ºC (VDD =2.4-3.6V)
1.38
1.41
1.44
V
tSTART(2)
Setup Time
4
10
μs
TS_temp(2) (3)
ADC sampling Time when reading the temperature
17.1
μs
(7)
Data is guaranteed by analysis on features, and is not tested in production.
(8)
Data is guaranteed from design, and is not tested in production.
(9)
The shortest sampling Time can be determined by the application through multiple
iterations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com