Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CEU6-R Datasheet(PDF) 29 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CEU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CEU6-R Datasheet(HTML) 29 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CEU6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
www.g eeh y.co m
Pag e 28
Table 8 Low Power Consumption Mode
Mode
Instruction
Sleep mode
The core stops working, all peripherals are working, and it can be woken up through interrupts/events
Stop mode
Under the condition that SRAM and register data are not lost, the stop mode can achieve the lowest
power consumption;
The clock of the internal 1.3V power supply module will stop, HSECLK crystal resonator, HSICLK and
PLL will be prohibited, and the voltage regulator can be configured in normal mode or low power mode;
Any external interrupt line can wake up MCU, and the external interrupt lines include one of the 16
external interrupt lines, PVD output, RTC and USBD.
Standby mode
The power consumption in this mode is the lowest;
Internal voltage regulator is turned off, all 1.3V power supply modules are powered off, HSECLK crystal
resonator, HSICLK and PLL clocks are turned off, SRAM and register data disappear, RTC area and
backup register contents remain, and standby circuit still works;
The external reset signal on NRST, IWDT reset, rising edge on WKUP pin or RTC event will wake
MCU out of standby mode.
4.8.
DMA
2 built-in DMAs; DMA1 supports 7 channels and DMA2 supports 5 channels. Each channel
supports multiple DMA requests, but only one DMA request is allowed to enter the DMA
channel at the same time. The peripherals supporting DMA requests are ADC, SPI, USART,
I2C, and TMRx. Four levels of DMA channel priority can be configured. Support
"memory→memory, memory→peripheral, peripheral→memory" transfer of data (the memory
includes Flash、SRAM、SDRAM)
4.9.
GPIO
GPIO can be configured as general input, general output, multiplexing function and analog
input、output. The general input can be configured as floating input, pull-up input and pull-down
input; the general output can be configured as push-pull output and open-drain output; the
multiplexing function can be used for digital peripherals; and the analog input and output can be
used for analog peripherals and low-power mode; the enable and disable pull-up/pull-down
resistor can be configured; the speed of 2MHz, 10MHz and 50MHz can be configured; the
higher the speed is, the greater the power and the noise will be.
4.10.
Communication peripherals
4.10.1.
USART/UART
Up to 5 universal synchronous/asynchronous transmitter receivers are built in the chip. The
USART1 interface can communicate at a rate of 4.5Mbit/s, while other USART/UART interfaces
can communicate at a rate of 2.25Mbit/s. All USART/UART interfaces can configure baud rate,
parity check bit, stop bit, and data bit length; except UART5, all the other USART/UART can
support DMA. USART/UART function differences are shown in the table below:
Table 9 USART/UART Function Differences
USART mode/function
USART1
USART2
USART3
UART4
UART5
Hardware flow control of modem
√
√
√
—
—
Synchronous mode
√
√
√
√
√
Smart card mode
√
√
√
—
—
IrDASIR coder-encoder functions
√
√
√
√
√
LIN mode
√
√
√
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com