Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CEU6-R Datasheet(PDF) 28 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CEU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CEU6-R Datasheet(HTML) 28 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CEU6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
www.g eeh y.co m
Pag e 27
interrupt is enabled, the software can receive the related interrupt.
4.5.3.
Bus clock
AHB, APB1 and APB2 are built in. The clock source of AHB is SYSCLK, and the clock source of
APB1 and APB2 is HCLK; the required clock can be obtained by configuring the frequency
dividing coefficient. The maximum frequency of AHB and high-speed APB2 is 120MHz, and the
maximum frequency of APB1 is 60MHz.
4.6.
Power supply and power management
4.6.1.
Power supply scheme
Table 6 Power Supply Scheme
Name
Voltage range
Instruction
VDD
2.0~3.6V
I/Os (see pin distribution diagram for specific IO) and internal voltage regulator
are powered through VDD pin.
VDDA/VSSA
2.0~3.6V
Power supply of ADC, DAC, reset module, RC oscillator and PLL analog part;
when ADC or DAC is used, VDDA shall not be less than 2.4V; VDDA and VSSA
must be connected to VDD and VSS.
VBAT
1.8~3.6V
When VDD is closed, RTC, external 32KHz oscillator and backup register are
supplied through internal power switch.
4.6.2.
Voltage regulator
Table 7 Regulator Operating Mode
Name
Instruction
Master mode (MR)
Used in run mode
Low-power mode (LPR)
Used in stop mode
Power-down mode
Used in standby mode, when the voltage regulator has high impedance output, the core
circuit is powered down, the power consumption of the voltage regulator is zero, and all
data of registers and SRAM will be lost.
Note: The voltage regulator is always in working state after reset, and outputs with high impedance in power-down
mode.
4.6.3.
Power supply voltage monitor
Power-on reset (POR) and power-down reset (PDR) circuits are integrated inside the product.
These two circuits are always in working condition. When the power-down reset circuit
monitors that the power supply voltage is lower than the specified threshold value (VPOR/PDR),
even if the external reset circuit is used, the system will remain reset.
The product has a built-in programmable voltage regulator (PVD) that can monitor VDD and
compare it with VPVD threshold. When VDD is outside the VPVD threshold range and the interrupt
is enabled, the MCU can be set to a safe state through the interrupt service program.
4.7.
Low-power mode
APM32E103xCxE supports three low-power modes, namely, sleep mode, stop mode and
standby mode, and there are differences in power, wake-up time and wake-up mode among
these three modes. The low-power mode can be selected according to the actual application
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com