Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CEU6-R Datasheet(PDF) 47 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CEU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CEU6-R Datasheet(HTML) 47 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CEU6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
www.g eeh y.co m
Pag e 46
5.7.4.
Power consumption in stop mode and standby mode
Table 30 Power Consumption in Stop Mode and Standby Mode
Parameter
Conditions
Typical value (1), (TA=25
℃)
Maximum
value (1),
(VDD=3.6V)
Unit
VDD=2.4V
VDD=3.3V
VDD=3.6V
TA=105
℃
IDDA
IDD
IDDA
IDD
IDDA
IDD
IDDA
IDD
Power
consumption
in stop
mode
Regulator in run mode,
low-speed and high-speed
internal RC oscillators and
high-speed oscillator
OFF(no independent
watchdog)
3.658
43.12
4.308
42.15
4.719
43.18
7.421
614.478
μA
Regulator in low-power
mode, low-speed and high-
speed internal RC
oscillators and high-speed
oscillator OFF(no
independent watchdog)
3.667
36.77
4.324
36.69
4.695
37.13
7.039
552.132
Power
consumption
in standby
mode
Low-speed internal RC
oscillator and independent
watchdog ON
2.911
0.47
3.85
1.01
4.342
1.31
5.937
5.468
Low-speed internal RC
oscillator on, independent
watchdog OFF
2.919
0.27
3.846
0.75
4.336
1.15
5.918
4.587
Low-speed internal RC
oscillator and independent
watchdog OFF, low-speed
oscillator and RTC OFF
2.346
0.05
2.964
0.17
3.343
0.40
4.985
4.172
Note: (1) It is obtained from a comprehensive evaluation and is not tested in production.
5.7.5.
Backup domain power consumption
Table 31 Backup Domain Power Consumption
Symbo
l
Conditions
Typical value (1), TA=25
℃
Maximum value (1), VBAT=3.6V
Uni
t
VBAT=2.0V
VBAT=2.4V
VBAT=3.3V
TA=25
℃
TA=85
℃
TA=105
℃
IDD_VBA
T
The low-speed
oscillator and RTC are
in ON state
1.106
1.268
1.704
1.956
2.568
3.256
μA
Note: (1) It is obtained from a comprehensive evaluation and is not tested in production.
5.7.6.
Peripheral power consumption
The HSECLK Bypass 1M is adopted as clock source, fPCLK=fHCLK=1M.
Peripheral power consumption = current that enables the peripheral clock-current that disables
the peripheral clock.
Table 32 Peripheral Power Consumption
Parameter
Peripheral
Typical value (1) TA =25℃, VDD =3.3V
Unit
AHB
DMA1
0.3
mA
DMA2
0.34
EMMC
0.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com