Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CEU6-R Datasheet(PDF) 60 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CEU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CEU6-R Datasheet(HTML) 60 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CEU6-R Datasheet HTML 56Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 57Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 58Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 59Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 60Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 61Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 62Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 63Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 64Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
www.g eeh y.co m
Pag e 59
Table 45 LQFP144 Package Data
DIMENSION LIST ( FOOTPRINT: 2.00)
S/N
SYM
DIMENSIONS
REMARKS
1
A
MAX. 1.600
OVERALL HEIGHT
2
A2
1.400±0.050
PKG THICKNESS
3
D
22.000±0.200
LEAD TIP TO TIP
4
D1
20.000±0.100
PKG LENGTH
5
E
22.000±0.200
LEAD TIP TO TIP
6
E1
20.000±0.100
PKG WDTH
7
L
0.600±0.150
FOOT LENGTH
8
L1
1.000 REF
LEAD LENGTH
9
e
0.500 BASE
LEAD PITCH
10
H(REF)
(
17.50)
CUM LEAD PITCH
11
b
0.22±0.050
LEAD WIDTH
(1) Dimensions are displayed in mm
Figure 18 LQFP144-144 pins, 20×20mm recommended welding Layout
(1) Dimensions are displayed in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com