Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CEU6-R Datasheet(PDF) 51 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CEU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CEU6-R Datasheet(HTML) 51 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CEU6-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. APM32E103CEU6-R Datasheet HTML 55Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
www.g eeh y.co m
Pag e 50
Table36 Output Drive Current Characteristics (test condition VDD=2.7~3.6V, TA=-40~105
℃)
Symbol
Parameter
Conditions
Minimum
value
Maximum
value
Unit
VOL
Output low level voltage for an I/O pin when
8 pins are sunk at same time
IIO = +8mA
2.7V<VDD<3.6V
-
0.49
V
VOH
Output high level voltage for an I/O pin when
8 pins are sourced at same time
VDD-0.4
-
VOL
Output low level voltage for an I/O pin when
8 pins are sunk at same time
IIO = +20mA
2.7V<VDD<3.6V
-
1.50
V
VOH
Output high level voltage for an I/O pin when
8 pins are sourced at same time
VDD-1.2
-
5.9.2.
NRST pin characteristics
The NRST pin input drive adopts CMOS process, which is connected with a permanent pull-up
resistor RPU.
Table 37 NRST Pin Characteristics (test condition VDD=3.3V, TA=-40~105
℃)
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
VIL(NRST)
NRST low level input voltage
-
-0.5
-
0.8
V
VIH(NRST)
NRST high level input voltage
-
2
-
VDD+0.5
Vhys(NRST)
NRST Schmitt trigger voltage
hysteresis
-
-
200
-
mV
RPU
Weak pull-up equivalent
resistance
VIN = VSS
30
40
50
kΩ
Note: It is obtained from a comprehensive evaluation and is not tested in production.
5.10.
Communication peripherals
5.10.1.
I2C peripheral characteristics
To achieve maximum frequency of I2C in standard mode, fPCLK1 must be greater than 2MHz. To
achieve maximum frequency of I2C in fast mode, fPCLK1 must be greater than 4MHz.
Table 38 I2C Interface Characteristics (TA=25
℃, VDD=3.3V)
Symbol
Parameter
Standard I2C
Fast I2C
Unit
Min
Max
Min
Max
tw(SCLL)
SCL clock low time
4.7
-
1.3
-
μs
tw(SCLH)
SCL clock high time
4.0
-
0.6
-
tsu(SDA)
SDA setup time
250
-
100
-
ns
th(SDA)
SDA data hold time
-
3450
-
900
tr(SDA)/tr(SCL)
SDA and SCL rise time
-
1000
-
300
tf(SDA)/tf(SCL)
SDA and SCL fall time
-
300
-
300
th(STA)
Start condition hold time
4.0
-
0.6
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com