Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CET6-R Datasheet(PDF) 55 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CET6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CET6-R Datasheet(HTML) 55 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CET6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 55Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 56Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 57Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 58Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 59Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
www.g eeh y.co m
Pag e 54
Sample rate=ADC clock/(number of sampling periods + number of conversion periods)
5.11.1.1.
12-bit ADC characteristics
Table 40 12-bit ADC Characteristics
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
VDDA
Power supply voltage
-
2.4
-
3.6
V
IDDA
ADC pwoer
consumption
VDDA=3.3V,fADC=14MHz,
Sampling time=1.5 fADC
-
1
-
mA
fADC
ADC frequency
-
0.6
-
14
MHz
CADC
Internal sampling and
holding capacitance
-
-
8
-
pF
RADC
Sampling resistor
-
-
-
1000
Ω
tS
Sampline Time
fADC=14MHz
0.107
-
17.1
μs
TCONV
Sampling and
conversion time
fADC=14MHz, 12-bit
conversion
1
-
18
μs
Table 41 12-bit ADC Accuracy
Symbol
Parameter
Condition
Typical
value
Maximum
value
Unit
ET
Total uncorrected error
fPCLK=56MHz,
fADC=14MHz,
VDDA=2.4V-3.6V
TA=-40℃~105℃
±
2
±
5
LSB
EO
offset error
±
1.5
±
2.5
EG
Gain error
±
1.5
±
3
ED
Differential linear error
±
1
±
2
EL
Integral linearity error
±
1.5
±
3
Note: It is obtained from a comprehensive evaluation and is not tested in production.
5.11.1.2.
Test of Built-in Reference Voltage Characteristics
Table 42 Embedded Reference Voltage Characteristics
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
VREFINT
Built-in Reference Voltage
-40℃ < TA <
+105℃
VDD= 2-3.6 V
1.1882
1.1947
1.2002
V
TS_vrefint
Sampling time of ADC when
reading out internal reference
voltage
-
-
5.1
17.1
μs
VRERINT
Built-in reference voltage
extends to temperature range
VDD=3V ±10mV
-
-
18
mV
Tcoeff
Temperature coefficient
-
-
-
104
ppm/℃
Note: It is obtained from a comprehensive evaluation and is not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com