Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CET6-R Datasheet(PDF) 39 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CET6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CET6-R Datasheet(HTML) 39 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CET6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
www.g eeh y.co m
Pag e 38
consult the corresponding manufacturer.
Table 19 HSECLK4~16MHz Oscillator Characteristics
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
fOSC_IN
Oscillator
frequency
-
4
8
16
MHz
RF
Feedback
resistance
-
-
200
-
kΩ
IDD(HSECLK)
HSECLK current
consumption
VDD=3.3V,
CL=10pF@8MHz
-
-
0.56
mA
tSU(HSECLK)
Startup time
VDD is stable
-
0.85
-
ms
Note: It is obtained from a comprehensive evaluation and is not tested in production.
5.5.1.2.
Low-speed external clock generated by crystal resonator
For detailed parameters (frequency, package, precision, etc.) of crystal resonator, please
consult the corresponding manufacturer.
Table 20 LSECLK Oscillator Characteristics (fLSECLK=32.768KHz)
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
fOSF_IN
Oscillator
frequency
-
-
32.768
-
KHz
IDD(LSECLK)
LSECLK current
consumption
-
-
-
0.8
μA
tSU(LSECLK)(1)
Startup time
VDDIOx is stable
-
0.93
-
s
Note: It is obtained from a comprehensive evaluation and is not tested in production.
(1)
tSU(LSECLK) is the startup time, which is measured from the time when LSECLK is enabled by software to the time
when stable oscillation at 32.768KHz is obtained. This value is measured using a standard crystal resonator, which
may vary greatly due to different crystal manufacturers.
5.5.2.
Characteristics of internal clock source
High speed internal (HSICLK) RC oscillator
Table 21 HSICLK Oscillator Characteristics
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
fHSICLK
Frequency
-
-
8
-
MHz
ACCHSICLK
Accuracy of HSICLK
oscillator
Factory
calibration
VDD=3.3V,
TA=25
℃(1)
-1
-
1
%
VDD=2-3.6V,
TA=-40~105
℃
-1.5
-
1.5
%
IDDA(HSICLK)
Power consumption of
HSICLK oscillator
-
-
-
76
μA
tSU(HSICLK)
Startup time of HSICLK
oscillator
VDD=3.3V,TA=-40~105
℃
3.24
-
3.4
μs
Note: It is obtained from a comprehensive evaluation and is not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com