Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CET6-R Datasheet(PDF) 49 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CET6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CET6-R Datasheet(HTML) 49 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CET6-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
www.g eeh y.co m
Pag e 48
Parameter
Peripheral
Typical value (1) TA =25℃, VDD =3.3V
Unit
ADC3
0.28
TMR1
0.4
TMR8
0.4
SPI1
0.13
USART1
0.2
Note: It is obtained from a comprehensive evaluation and is not tested in production.
5.8.
Wake-up time in low power mode
The measurement of wake-up time in low power mode is from the start of wake-up event to the
time when the user program reads the first instruction, in which VDD=VDDA.
Table 33 Wake Up Time in Low-power Mode
Symbol
Parameter
Conditions
Min
Typical value (TA=25
℃)
Max
Unit
2V
3.3V
3.6V
tWUSLEEP
Wake-up
from sleep
mode
-
0.52
0.61
0.60
0.57
0.65
μs
tWUSTOP
Wake up from
stop mode
The voltage regulator is in run mode
1.83
2.24
1.91
1.86
2.26
The voltage regulator is in low power
mode
2.66
4.18
2.95
2.82
4.61
tWUSTDBY
Wake up from
standby
mode
-
59.56
76.40
63.74
61.29
84.56
Note: It is obtained from a comprehensive evaluation and is not tested in production.
5.9.
Pin characteristics
5.9.1.
I/O pin characteristics
Table 34 DC Characteristics (test condition of VDD=2.7~3.6V, TA=-40~105
℃)
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
VIL
Low level input voltage
CMOS port
-0.5
-
0.35VDD
V
VIH
High level input voltage
0.65VDD
-
VDD+0.5
VIL
Low level input voltage
TTL port
-0.5
-
0.8
VIH
High level input voltage, Standard
I/O port
2
-
VDD+0.5
High level input voltage, I/O FT port
2
5.5
Vhys
Standard I/O Schmitt trigger voltage
hysteresis
-
200
-
-
mV
I/O FT Schmitt trigger voltage
hysteresis
5%VDD
-
-
mV
Ilkg
Input leakage current
VSS
≤ VIN ≤ VDD
Standard I/O port
-
-
±
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com